Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E0812PSC1866 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86E0812PSC1866
Description  Z8 CMOS OTP Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E0812PSC1866 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86E0812PSC1866 Datasheet HTML 7Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 8Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 9Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 10Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 11Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 12Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 13Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 14Page - Zilog, Inc. Z86E0812PSC1866 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Z86E02/E04/E08/E09 SL1995
Z8 CMOS OTP Microcontrollers
PS009201-0301
Programming Specification
6
8. Apply one clock pulse to XIN.
9. Force the Port 2 pins with F0h.
10. Apply one clock pulse to XIN.
11. Force the Port 2 pins with 0Fh.
12. Apply one clock pulse to XIN.
13. Force the Port 2 pins with 00h.
14. Apply one clock pulse to XIN.
15. Force the Port 2 pins with F1h.
16. Apply one clock pulse to XIN.
17. Force the Port 2 pins with 00h.
18. Apply one clock pulse to XIN.
19. The part is now in EPROM mode. The only way to exit EPROM mode is to
perform a POR.
All signals must be stable before the XIN (CE) pin is pulsed High and can-
not change until XIN (CE) pin is in a VIL state. The signal should be stable
for a minimum of 1µsec.
Note:


Similar Part No. - Z86E0812PSC1866

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E0812PSC1866 ZILOG-Z86E0812PSC1866 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812PSC1866 ZILOG-Z86E0812PSC1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
More results

Similar Description - Z86E0812PSC1866

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com