Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E04 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86E04
Description  Z8 CMOS OTP Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E04 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86E04 Datasheet HTML 6Page - Zilog, Inc. Z86E04 Datasheet HTML 7Page - Zilog, Inc. Z86E04 Datasheet HTML 8Page - Zilog, Inc. Z86E04 Datasheet HTML 9Page - Zilog, Inc. Z86E04 Datasheet HTML 10Page - Zilog, Inc. Z86E04 Datasheet HTML 11Page - Zilog, Inc. Z86E04 Datasheet HTML 12Page - Zilog, Inc. Z86E04 Datasheet HTML 13Page - Zilog, Inc. Z86E04 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Z86E02/E04/E08/E09 SL1995
Z8 CMOS OTP Microcontrollers
PS009201-0301
Programming Specification
5
OTP Memory Size
The device is offered in 4 memory configurations. Table 3 lists the available sizes
of EPROM memory.
Device Operation
The device must first be unlocked before it can enter EPROM mode. Otherwise,
the device remains in STANDARD mode. The device cannot be programmed in
STANDARD mode. It can only be programmed in EPROM mode. The following
sequence details the unlock procedure.
Unlock Sequence into EPROM Mode
The following unlock sequence is valid for all parts.
Unlock clock cycles are the XIN clock cycle entered by the programmer,
not the internal Z8 SCLK cycles.
1. A POR must be completed before unlock operations begin. The XIN pin must
be in a VIL state. Allow 50 ms minimum for the device to completely exit POR
to allow the internal signal IRESET to go Low. See Table 5 for POR
conditions.
2. Any time after POR, when the internal signal IRESET is Low. The unlock
sequence can be sent. See Figure 6 and Table 4.
3. While the XIN pin is in a VIL state, force Port 2 pins with A5h.
4. Apply one clock pulse to XIN. The clock pulses should be a minimum of 1µsec
in duration.
5. Force the Port 2 pins with 5Ah.
6. Apply one clock pulse to the XIN pin.
7. Force the Port 2 pins with A5h.
Table 3. EPROM Size
Devices
Memory Size
Last Address
Z86E02
0.5 KB
01FFh
Z86E04
1.0 KB
03FFh
Z86E08
2.0 KB
07FFh
Z86E09
4.0 KB
0FFFh
Note:


Similar Part No. - Z86E04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
logo
List of Unclassifed Man...
Z86E04 ETC-Z86E04 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0412HEC1995 ETC-Z86E0412HEC1995 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
Z86E0412HSC1995 ETC-Z86E0412HSC1995 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
More results

Similar Description - Z86E04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com