Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCXM050D6H Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HCXM050D6H
Description  Fully signal conditioned pressure transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCXM050D6H Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HCXM050D6H Datasheet HTML 1Page - List of Unclassifed Manufacturers HCXM050D6H Datasheet HTML 2Page - List of Unclassifed Manufacturers HCXM050D6H Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HCX...A6 / HCX(M)...D6 - Series
Fully signal conditioned pressure transducer
January 1998/026
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
OUTLINE DRAWING
HCX(M)...6
V
P1:
High pressure port for
5 mbar and 10 mbar devices
P2:
High pressure port for
all other devices.
Mass: 14 g
All dimensions in mm
ORDERING INFORMATION
Part Number
Package version
Side facing ports
HCXPM005D6V
HCXM010D6V
HCXPM010D6V
HCXM020D6V
HCXM050D6V
HCXM100D6V
HCXM350D6V
HCX001D6V
HCX002D6V
HCX005D6V
HCX001A6V
HCX002A6V
Top facing ports
HCXPM005D6H
HCXM010D6H
HCXPM010D6H
HCXM020D6H
HCXM050D6H
HCXM100D6H
HCXM350D6H
HCX001D6H
HCX002D6H
HCX005D6H
HCX001A6H
HCX002A6H
Pressure range
Differential / gage devices
0 to
±5 mbar
0 to 10 mbar
0 to
±10 mbar
0 to 20 mbar
0 to 50 mbar
0 to 100 mbar
0 to 350 mbar
0 to 1 bar
0 to 2 bar
0 to 5 bar
Absolute devices
0 to 1 bar
0 to 2 bar
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein,
neither does it convey any license under its patent rights nor the rights of others.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Non-linearity - the maximum deviation of measured output at constant temperature, from "BestStraight Line" through three points (offset pressure, full scale pressure and 1/2 full
scale pressure).
Change after one year or 1 million pressure cycles.
Thermal effects tested and guaranteed from 0°C to 50°C relative to 25°C. All specifications shown are relative to 25°C.
Span is the algebraic difference between the output at full scale pressure and offset.
Offset adjustment possible to lower values only. Do not trim for nominal value minus 150 mV.
Span adjustment possible to lower pressure range (higher gain). Do not trim for more than 15% of full scale pressure
Specification Notes
1.
2.
3.
4.
5.
6.


Similar Part No. - HCXM050D6H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCXM050D6H SENSORTECHNICS-HCXM050D6H Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
More results

Similar Description - HCXM050D6H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
40PC001B1A SENSORTECHNICS-40PC001B1A Datasheet
192Kb / 8P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com