Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV102 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 5 Page - Texas Instruments

  DRV102 Datasheet HTML 1Page - Texas Instruments DRV102 Datasheet HTML 2Page - Texas Instruments DRV102 Datasheet HTML 3Page - Texas Instruments DRV102 Datasheet HTML 4Page - Texas Instruments DRV102 Datasheet HTML 5Page - Texas Instruments DRV102 Datasheet HTML 6Page - Texas Instruments DRV102 Datasheet HTML 7Page - Texas Instruments DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DRV102
5
SBVS009A
www.ti.com
TYPICAL PERFORMANCE CURVES
At TC = +25°C and VS = +24V, unless otherwise noted.
OUTPUT SATURATION VOLTAGE vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
2.25
2
1.75
1.5
1.25
1
0.75
IO = 2A
IO = 1.5A
IO = 1A
IO = 0.1A
QUIESCENT CURRENT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
8
7.5
7
6.5
6
5.5
V
S = +60V
V
S = +8V
V
S = +24V
DUTY CYCLE and DUTY CYCLE ERROR vs VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
PWM (V)
90
80
70
60
50
40
30
20
10
8
6
4
2
0
–2
–4
–6
–8
Duty Cycle
Error
I
O = 0.1A
I
O = 1A
I
O = 0.1A to 1A
DUTY CYCLE vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
54
53
52
51
50
49
48
V
S = +8V
R
PWM = 25.5kΩ
V
S = +24V
V
S = +60V
CURRENT LIMIT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
3.25
3
2.75
2.5
2.25
2
V
S = +60V, Load = 5Ω
V
S = +24V, Load = 5Ω
V
S = +8V, Load = 1Ω
UNDER-SCALE CURRENT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
20
18
16
14
12
10
V
S = +8V to +60V


Similar Part No. - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI1-DRV102 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102F BURR-BROWN-DRV102F Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102F TI1-DRV102F Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F/500 TI1-DRV102F/500 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com