Electronic Components Datasheet Search |
|
TL054IDRE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TL054IDRE4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 63 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL051I and TL051AI electrical characteristics at specified free-air temperature † TL051I, TL051AI PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX TL051I 25 °C 0.75 3.5 0.59 1.5 VIO Input offset voltage TL051I Full range 5.3 3.3 mV VIO Input offset voltage TL051AI 25 °C 0.55 2.8 0.35 0.8 mV VO =0 TL051AI Full range 4.6 2.6 a Temperature coefficient of VO = 0, VIC = 0, RS = 50 Ω TL051I 25 °C to 85 °C 7 8 µV/°C a V IO input offset voltage‡ RS = 50 Ω TL051AI 25 °C to 85 °C 8 8 25 µV/°C Input offset-voltage long-term drift§ 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC = 0, 25 °C 4 100 5 100 pA IIO Input offset current OIC See Figure 5 85 °C 0.06 10 0.07 10 nA IIB Input bias current VO = 0, VIC = 0, 25 °C 20 200 30 200 pA IIB Input bias current OIC See Figure 5 85 °C 0.6 20 0.7 20 nA VICR Common-mode input 25 °C –1 to 4 –2.3 to 5.6 –11 to 11 –12.3 to 15.6 V VICR voltage range Full range –1 to 4 –11 to 11 V RL =10kΩ 25 °C 3 4.2 13 13.9 VOM Maximum positive peak RL = 10 kΩ Full range 3 13 V VOM + output voltage swing RL =2kΩ 25 °C 2.5 3.8 11.5 12.7 V RL = 2 kΩ Full range 2.5 11.5 RL =10kΩ 25 °C –2.5 –3.5 –12 –13.2 VOM Maximum negative peak RL = 10 kΩ Full range –2.5 –12 V VOM – g output voltage swing RL =2kΩ 25 °C –2.3 –3.2 –11 –12 V RL = 2 kΩ Full range –2.3 –11 L i l diff ti l 25 °C 25 59 50 105 AVD Large-signal differential voltage amplification¶ RL = 2 kΩ –40 °C 30 74 60 145 V/mV voltage am lification¶ 85 °C 20 43 30 76 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 10 12 pF Common mode VIC = VICRmin, 25 °C 65 85 75 93 CMRR Common-mode rejection ratio VIC VICRmin, VO = 0, –40 °C 65 83 75 90 dB rejection ratio RS = 50 Ω 85 °C 65 84 75 93 Supply voltage rejection V0 25 °C 75 99 75 99 kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS =50 Ω –40 °C 75 98 75 98 dB ratio ( ∆VCC±/∆VIO) RS = 50 Ω 85 °C 75 99 75 99 25 °C 2.6 3.2 2.7 3.2 ICC Supply current VO = 0, No load –40 °C 2.4 3.2 2.6 3.2 mA 85 °C 2.5 3.2 2.6 3.2 † Full range is –40 °C to 85°C ‡ This parameter is tested on a sample basis for the TL051A. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. § Typical values are based on the input offset-voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV. ¶ For VCC± = ±5 V, VO = ±2.3 V, or for VCC± = ±15 V, VO = ±10 V. |
Similar Part No. - TL054IDRE4 |
|
Similar Description - TL054IDRE4 |