Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1149 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1149
Description  Silicon NPN epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1149 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1149 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1149 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1149
Silicon NPN epitaxial planer type
For low-frequency amplification
s Features
q
High foward current transfer ratio hFE.
q
Low collector to emitter saturation voltage VCE(sat).
q
High emitter to base voltage VEBO.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
100
100
15
50
20
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Conditions
VCB = 60V, IE = 0
VCE = 60V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 2mA
IC = 10mA, IB = 1mA
VCB = 10V, IE = –2mA, f = 200MHz
min
100
100
15
400
typ
0.05
100
max
100
1
1200
0.2
Unit
nA
µA
V
V
V
V
MHz
Marking symbol :
1V
*1h
FE1 Rank classification
Rank
R
S
hFE
400 ~ 800
600 ~ 1200
Marking Symbol
1VR
1VS


Similar Part No. - 2SD1149

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1149 PANASONIC-2SD1149 Datasheet
282Kb / 6P
   NPN EPITAXIAL PLANAR
More results

Similar Description - 2SD1149

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1424 PANASONIC-2SD1424 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1823 PANASONIC-2SD1823 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2357 PANASONIC-2SD2357 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1011 PANASONIC-2SD1011 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type For low-frequency amplification
2SD1450 PANASONIC-2SD1450 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com