Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US6M1 Datasheet(PDF) 5 Page - Rohm

Part # US6M1
Description  Small switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US6M1 Datasheet(HTML) 5 Page - Rohm

  US6M1 Datasheet HTML 1Page - Rohm US6M1 Datasheet HTML 2Page - Rohm US6M1 Datasheet HTML 3Page - Rohm US6M1 Datasheet HTML 4Page - Rohm US6M1 Datasheet HTML 5Page - Rohm US6M1 Datasheet HTML 6Page - Rohm US6M1 Datasheet HTML 7Page - Rohm US6M1 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
US6M1
Transistors
5/7
P-ch
Electrical characteristic curves
10
100
1000
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
Ta
=25°C
f
=1MHz
VGS
=0V
Ciss
Crss
Coss
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
1
10
1000
10000
100
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
Ta
=25°C
VDD
= −15V
VGS
= −4.5V
RG
=10Ω
Pulsed
td (off)
td (on)
tr
tf
Fig.2 Switching Characteristics
Ta
=25°C
VDD
= −15V
ID
= −1A
RG
=10Ω
Pulsed
0
0.5
1
1.5
2
2.5
3
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
Fig.3 Dynamic Input Characteristics
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
GATE-SOURCE VOLTAGE :
−VGS (V)
0.001
0.01
0.1
1
10
Fig.4 Typical Transfer Characteristics
Ta
=25°C
VDS
= −10V
Pulsed
02468
10
12
GATE-SOURCE VOLTAGE :
−VGS (V)
0
250
500
750
1000
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
= −1A
ID
= −0.5A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.01
0.1
1
10
Fig.6 Source Current vs.
Source-Drain Voltage
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
1000
10000
100
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι)
VGS
= −4.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
1000
10000
100
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ)
VGS
= −4V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
1000
10000
100
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ)
VGS
= −2.5V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C


Similar Part No. - US6M1

ManufacturerPart #DatasheetDescription
logo
Rohm
US6M1 ROHM-US6M1 Datasheet
113Kb / 8P
   4V2.5V Drive NchNch MOSFET
US6M11 ROHM-US6M11 Datasheet
273Kb / 8P
   1.5V Drive NchPch MOSFET
US6M11TR ROHM-US6M11TR Datasheet
206Kb / 8P
   1.5V Drive Nch Pch MOSFET
US6M11 ROHM-US6M11_09 Datasheet
273Kb / 8P
   1.5V Drive NchPch MOSFET
US6M1 ROHM-US6M1_1 Datasheet
113Kb / 8P
   4V2.5V Drive NchNch MOSFET
More results

Similar Description - US6M1

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M3 ROHM-QS6M3 Datasheet
86Kb / 8P
   Small switching
QS6J3TR ROHM-QS6J3TR Datasheet
68Kb / 4P
   Small switching
QS6U24 ROHM-QS6U24 Datasheet
41Kb / 3P
   Small switching
logo
Guangdong Kexin Industr...
2SK3050 KEXIN-2SK3050 Datasheet
44Kb / 1P
   Small Switching
logo
Rohm
QS6M4 ROHM-QS6M4 Datasheet
75Kb / 6P
   Small switching
2SK2095N ROHM-2SK2095N Datasheet
128Kb / 4P
   Small Switching
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Rohm
QS6J1 ROHM-QS6J1 Datasheet
62Kb / 4P
   Small switching (-20V, -1.5A)
US6J2 ROHM-US6J2 Datasheet
64Kb / 5P
   Small switching (−20V, −1A)
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com