Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3965CEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3965CEP
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3965CEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3965CEP Datasheet HTML 1Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 2Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 3Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 4Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 5Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 6Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 7Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 8Page - Maxim Integrated Products MAX3965CEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX3964CEP/MAX3965CEP/MAX3968CEP
(VCC = +3.0V to +5.5V, PECL outputs terminated with 50Ω to (VCC - 2V), TA = 0°C to +70°C, unless otherwise noted. Typical values
are at VCC = +3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(SUB, GND, GNDO tied to ground)
VCC, VCCO.............................................................-0.5V to +7.0V
FILTER, RSSI, IN+, IN-, CZP, CZN, SQUELCH,
LOS+, LOS-, INV, VTH, OUT+, OUT- ......-0.5V to (VCC + 0.5V)
PECL Output Current (OUT+, OUT-, LOS+, LOS-) ............50mA
Differential Voltage Between CZP and CZN..........-1.5V to +1.5V
Differential Voltage Between IN+ and IN- .............-1.5V to +1.5V
Continuous Power Dissipation (TA = +70°C)
20-Lead Thin QFN
(derate 16.9mW/°C above +70°C) ..........................1349mW
20-Pin QSOP (derate 6.7mW/°C above +70°C)...........500mW
Operating Temperature Range............................-40°C to +85°C
Operating Junction Temperature Range (die).....-40°C to +150°C
Processing Temperature (die) .........................................+400°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
PECL outputs open
22
40
mA
LOS Hysteresis
Input = 3.3mVP-P to 90mVP-P (Note 2)
3.8
5
8.0
dB
SQUELCH Input Current
VSQUELCH = VCC, TA = +25°C
27
100
µA
PECL Output Voltage High
(Note 3)
-1025
-880
mV
PECL Output Voltage Low
(Note 3)
-1810
-1620
mV
PECL LOS Output Voltage High
(Note 3)
-1035
-880
mV
PECL LOS Output Voltage Low
(Note 3)
-1810
-1620
mV
LOS Assert Accuracy
Input = 7mVP-P or 90mVP-P
-2.5
+2.5
dB
Miinimum LOS Assert Input
2.7
mVP-P
Maximum LOS Deassert Input
143
mVP-P
Input Sensitivity
2.0
3.3
mVP-P
Input Overload
1.5
VP-P
20% to 80% transition time,
MAX3964/MAX3965
0.92
1.2
2.20
Output Transition Time
tr, tf
MAX3968
0.4
0.8
1.2
ns
Pulse-Width Distortion
(Note 4)
50
200
ps
TTL Output High
IOH = -200µA
2.4
3.1
VCC
V
TTL Output Low
IOL = 200µA
0
0.3
0.4
V


Similar Part No. - MAX3965CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3965CEP MAXIM-MAX3965CEP Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
More results

Similar Description - MAX3965CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com