Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3711Z Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3711Z
Description  HEXFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711Z Datasheet(HTML) 1 Page - International Rectifier

  IRF3711Z Datasheet HTML 1Page - International Rectifier IRF3711Z Datasheet HTML 2Page - International Rectifier IRF3711Z Datasheet HTML 3Page - International Rectifier IRF3711Z Datasheet HTML 4Page - International Rectifier IRF3711Z Datasheet HTML 5Page - International Rectifier IRF3711Z Datasheet HTML 6Page - International Rectifier IRF3711Z Datasheet HTML 7Page - International Rectifier IRF3711Z Datasheet HTML 8Page - International Rectifier IRF3711Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
10/30/03
IRF3711Z
IRF3711ZS
IRF3711ZL
HEXFET® Power MOSFET
Notes
 through ‡ are on page 12
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
D2Pak
IRF3711ZS
TO-220AB
IRF3711Z
TO-262
IRF3711ZL
VDSS RDS(on) max Qg
20V
6.0m
:
16nC
PD - 94757A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
f
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
1.89
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fiÃ
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
10 lbf
yin (1.1Nym)
300 (1.6mm from case)
-55 to + 175
79
0.53
40
Max.
92
h
65
h
380
± 20
20


Similar Part No. - IRF3711Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3711ZCL IRF-IRF3711ZCL Datasheet
273Kb / 11P
   HEXFET Power MOSFET
IRF3711ZCL IRF-IRF3711ZCL Datasheet
282Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3711ZCLPBF IRF-IRF3711ZCLPBF Datasheet
357Kb / 12P
   HEXFET Power MOSFET
IRF3711ZCS IRF-IRF3711ZCS Datasheet
273Kb / 11P
   HEXFET Power MOSFET
IRF3711ZCS IRF-IRF3711ZCS Datasheet
282Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRF3711Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com