Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS34X2245Q3 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS34X2245Q3
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS34X2245Q3 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS34X2245Q3 Datasheet HTML 1Page - Integrated Device Technology IDTQS34X2245Q3 Datasheet HTML 2Page - Integrated Device Technology IDTQS34X2245Q3 Datasheet HTML 3Page - Integrated Device Technology IDTQS34X2245Q3 Datasheet HTML 4Page - Integrated Device Technology IDTQS34X2245Q3 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS34X2245
HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
12
µA
∆ICC
Power Supply Current per Control Input HIGH (2)
VCC = Max., VIN = 3.4V, f = 0
1.5
mA
ICCD
Dynamic Power Supply Current per MHz(3)
VCC = Max., A and B pins open
0.25
mA/MHz
Control Inputs Toggling at 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to
∆Icc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant
AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%;
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(1,2)
1.25
ns
tPHL
An to/from Bn
tPZL
SwitchTurn-onDelay
0.5
6.6
ns
tPZH
OE to An/Bn
tPLZ
SwitchTurn-offDelay(1)
0.5
5.2
ns
tPHZ
OE to An/Bn
NOTES:
1.
Minimums are guaranteed but not production tested.
2.
The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 1.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to
the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.


Similar Part No. - IDTQS34X2245Q3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X2245Q3 IDT-IDTQS34X2245Q3 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
More results

Similar Description - IDTQS34X2245Q3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X245 RENESAS-IDTQS34X245 Datasheet
381Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
IDTQS34XR245 IDT-IDTQS34XR245 Datasheet
58Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com