Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10E8050I Datasheet(PDF) 3 Page - Macronix International

Part # MX10E8050I
Description  On-chip Flash program memory with in-system programming
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10E8050I Datasheet(HTML) 3 Page - Macronix International

  MX10E8050I Datasheet HTML 1Page - Macronix International MX10E8050I Datasheet HTML 2Page - Macronix International MX10E8050I Datasheet HTML 3Page - Macronix International MX10E8050I Datasheet HTML 4Page - Macronix International MX10E8050I Datasheet HTML 5Page - Macronix International MX10E8050I Datasheet HTML 6Page - Macronix International MX10E8050I Datasheet HTML 7Page - Macronix International MX10E8050I Datasheet HTML 8Page - Macronix International MX10E8050I Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
3
P/N:PM0887
MX10E8050I /
Specifications subject to change without notice, contact your sales representatives for the most update information.
PRELIMINARY
MX10E8050IA
REV. 1.6, MAR. 28, 2005
Package Type
PDIP
PLCC
LQFP
I/O SYMBOL
PIN
PIN
PIN
DESCRIPTION
I/O P0.0-P0.7
39-32
43-36
37-30
Port:8-bit open drain bidirectional I/O Port
I/O P2.0-P2.7
21-28
24-31
18-25
Port: 8-bit quasi-bidirectional I/O Port with internal pull-up
I/O P1.0-P1.7
1-8
2-9
40-44,1-3
Port: 8-bit quasi-bidirectional I/O Port with internal pull-up
, except P1.6 and P1.7
I/O P3.0-P3.7
10-17
11,13-19
5,7-13
Port: 8-bit quasi-bidirectional I/O Port with internal pull-up
I/O P4.0~P4.3/
NA
23,34,1,12 17,28,39,6
4bit Quasi-bidirectional I/O port or PWM PWM0~PWM3
I
RESET
9
10
4
reset input
I
VCC
40
44
38
Positive power supply
I
VSS
20
22
16
Ground
I
XTAL1
19
21
15
XTAL connection input
O
XTAL2
18
20
14
XTAL connection output
O
PSEN
29
32
26
Program store enable output
O
ALE
30
33
27
Address latch enable output
I
EA
31
35
29
External access input
LQFP44
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5
2
P1.6/SCL
3
P1.7/SDA
4
RST
5
P3.0/RxD
6
P4.3/PWM3
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS
17
P4.0/PWM0
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE
28
P4.1/PWM1
29
EA
30
P0.7/AD7
Pin
Function
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
P4.2/PWM2
40
P1.0/T2
41
P1.1/T2EX
42
P1.2
43
P1.3
44
P1.4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
(T2) P1.0
(T2EX) P1.1
P1.2
P1.3
P1.4
P1.5
(SCL)P1.6
(SDA)P1.7
RESET
(RXD) P3.0
(TXD)P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
(WR) P3.6
(RD) P3.7
XTAL2
XTAL1
VSS
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA
ALE
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
P2.4 (A12)
P2.3 (A11)
P2.2 (A10)
P2.1 (A9)
P2.0 (A8)
Table. 1 Pin Description


Similar Part No. - MX10E8050I

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQC MCNIX-MX10EXAQC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQCG MCNIX-MX10EXAQCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUC MCNIX-MX10EXAUC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUCG MCNIX-MX10EXAUCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
More results

Similar Description - MX10E8050I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
logo
Freescale Semiconductor...
AN2635 FREESCALE-AN2635 Datasheet
148Kb / 36P
   On-Chip FLASH Programming Routines
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com