Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS34X2245 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS34X2245
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS34X2245 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS34X2245 Datasheet HTML 1Page - Integrated Device Technology IDTQS34X2245 Datasheet HTML 2Page - Integrated Device Technology IDTQS34X2245 Datasheet HTML 3Page - Integrated Device Technology IDTQS34X2245 Datasheet HTML 4Page - Integrated Device Technology IDTQS34X2245 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS34X2245
HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
PIN CONFIGURATION
CAPACITANCE
(TA = +25°C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
NOTE:
1. This parameter is measured at characterization but not tested.
Pins
Typ.
Max.(1)
Unit
Control Pins
3
4
pF
Quickswitch Channels (Switch OFF)
7
8
pF
Symbol
Description
Max
Unit
VTERM(2) Supply Voltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage Vs
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤ 20ns)
–3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation (TA =70°C)
1.4
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. All terminals except Vcc.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
NC
A0
A1
A2
A3
A4
A5
A6
A7
GND
NC
A8
A9
A10
A11
A12
A13
A14
A15
GND
NC
A16
A17
A18
A19
A20
A21
A22
A23
GND
NC
A24
A25
A26
A27
A28
A29
A30
A31
GND
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
VCC
OE1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
VCC
OE2
VCC
OE3
VCC
OE4
MILLIPAQ
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
FUNCTION TABLE(1)
OEn
Outputs
H
Disconnected
L
An = Bn
PIN DESCRIPTION
Pin Names
Description
OEn
OutputEnable
An
Data I/Os
Bn
Data I/Os


Similar Part No. - IDTQS34X2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDTQS34X2245Q3 IDT-IDTQS34X2245Q3 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245QG8 IDT-IDTQS34X2245QG8 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
More results

Similar Description - IDTQS34X2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X245 RENESAS-IDTQS34X245 Datasheet
381Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
IDTQS34XR245 IDT-IDTQS34XR245 Datasheet
58Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com