Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10E8050X Datasheet(PDF) 4 Page - Macronix International

Part # MX10E8050X
Description  On-chip Flash program memory with in-system programming
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10E8050X Datasheet(HTML) 4 Page - Macronix International

  MX10E8050X Datasheet HTML 1Page - Macronix International MX10E8050X Datasheet HTML 2Page - Macronix International MX10E8050X Datasheet HTML 3Page - Macronix International MX10E8050X Datasheet HTML 4Page - Macronix International MX10E8050X Datasheet HTML 5Page - Macronix International MX10E8050X Datasheet HTML 6Page - Macronix International MX10E8050X Datasheet HTML 7Page - Macronix International MX10E8050X Datasheet HTML 8Page - Macronix International MX10E8050X Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
4
P/N:PM0887
MX10E8050I /
Specifications subject to change without notice, contact your sales representatives for the most update information.
PRELIMINARY
MX10E8050IA
REV. 1.6, MAR. 28, 2005
Mnemonic
Pin Number
Type
Name and Function
PDIP
PLCC
LQFP
V
ss
20
22
16
I
Ground: 0 volt reference
V
cc
40
44
38
I
Power Supply: This is the power supply voltage for normal,
idle and power-down operation
P0.0 ~ 0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an open drain, bi-directional I/O port. Port 0
pins have 1s written to them float and can be used as high
impedance inputs. Port 0 is also the multiplexed low-order
address and data bus during accessed to external program
and data memory. In this application, it uses strong internal
pull-ups when emitting 1s.
P1.0~1.7
1-8
2-9
40-44
I/O
Port1: Port 1 is an 8-bit bi-directional I/O port with internal
1-3
pull-ups. Port 1 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, Port 1 pins that are externally pulled low will source
current because of the internal pull-ups. Note that P1.6 and
P1.7 are open drain pins for I2C function.
Alternate functions for port 1 include:
1
2
40
I/O
T2(P1.0): Timer/Counter 2 external count input/clock out
2
3
41
I
T2EX(P1.1): Timer/Counter 2 Reload / Capture / Direction
control
3
4
42
I
SDA (P1.7): Data line for I2C
4
5
43
I/O
SCL (P1.6): Clock line for I2C
5
6
44
I/O
6
7
1
I/O
7
8
2
I/O
8
9
3
I/O
P2.0~2.7
21-28
24-31
18-25
I/O
Port 2 : Port 2 is an 8-bit bi-directional I/O port with internal
pull-ups. Port2 pins that have 1s written to them are pulled
high by the internal pull-ups and can be used as inputs. As
inputs, Port 2 pins that are externally pulled low will source
current because of the internal pull-ups. Port 2 emits the high
ordered address byte during fetches from external program
memory and during accesses to external data memory that
use 16-bit addresses (MOVX @DPTR). In this application, it
uses strong internal pull-ups when emitting 1s. During
accesses to external data memory using 8-bit addresses
(MOVX@R
I), port 2 emits the contents of P2 special
`function register.
P3.0~3.7
10-17
11,
5,
I/O
Port 3: Port 3 is an 8-bit bi-directional I/O port with internal


Similar Part No. - MX10E8050X

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQC MCNIX-MX10EXAQC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQCG MCNIX-MX10EXAQCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUC MCNIX-MX10EXAUC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUCG MCNIX-MX10EXAUCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
More results

Similar Description - MX10E8050X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
logo
Freescale Semiconductor...
AN2635 FREESCALE-AN2635 Datasheet
148Kb / 36P
   On-Chip FLASH Programming Routines
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com