Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT58L256L32F Datasheet(PDF) 11 Page - Micron Technology

Part # MT58L256L32F
Description  8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L256L32F Datasheet(HTML) 11 Page - Micron Technology

Back Button MT58L256L32F Datasheet HTML 7Page - Micron Technology MT58L256L32F Datasheet HTML 8Page - Micron Technology MT58L256L32F Datasheet HTML 9Page - Micron Technology MT58L256L32F Datasheet HTML 10Page - Micron Technology MT58L256L32F Datasheet HTML 11Page - Micron Technology MT58L256L32F Datasheet HTML 12Page - Micron Technology MT58L256L32F Datasheet HTML 13Page - Micron Technology MT58L256L32F Datasheet HTML 14Page - Micron Technology MT58L256L32F Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
8Mb: 512K x 18, 256K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18F_2.p65 – Rev. 7/00
©2000, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
FLOW-THROUGH SYNCBURST SRAM
FBGA PIN DESCRIPTIONS (continued)
x18
x32/x36
SYMBOL
TYPE
DESCRIPTION
9A
9A
ADV#
Input
Synchronous Address Advance: This active LOW input is used to
advance the internal burst counter, controlling burst access after
the external address is loaded. A HIGH on ADV# effectively causes
wait states to be generated (no address advance). To ensure use of
correct address during a WRITE cycle, ADV# must be HIGH at the
rising edge of the first clock after an ADSP# cycle is initiated.
9B
9B
ADSP#
Input
Synchronous Address Status Processor: This active LOW input
interrupts any ongoing burst, causing a new external address to be
registered. A READ is performed using the new address,
independent of the byte write enables and ADSC#, but dependent
upon CE#, CE2, and CE2#. ADSP# is ignored if CE# is HIGH. Power-
down state is entered if CE2 is LOW or CE2# is HIGH.
8A
8A
ADSC#
Input
Synchronous Address Status Controller: This active LOW input
interrupts any ongoing burst, causing a new external address to be
registered. A READ or WRITE is performed using the new address if
CE# is LOW. ADSC# is also used to place the chip into power-down
state when CE# is HIGH.
1R
1R
MODE
Input
Mode: This input selects the burst sequence. A LOW on this
(LB0#)
input selects “linear burst.” NC or HIGH on this input selects
“interleaved burst.” Do not alter input state while device is
operating.
(a) 10J, 10K,
(a) 10J, 10K,
DQa
Input/ SRAM Data I/Os: For the x18 version, Byte “a” is associated DQas;
10L, 10M, 11D, 10L, 10M, 11J,
Output Byte “b” is associated with DQbs. For the x32 and x36 versions,
11E, 11F, 11G 11K, 11L, 11M
Byte “a” is associated with DQas; Byte “b” is associated with DQbs;
(b) 1J, 1K,
(b) 10D, 10E,
DQb
Byte “c” is associated with DQcs; Byte “d” is associated with DQds.
1L, 1M, 2D,
10F, 10G, 11D,
Input data must meet setup and hold times around the rising edge
2E, 2F, 2G
11E, 11F, 11G
of CLK.
(c) 1D, 1E,
DQc
1F, 1G, 2D,
2E, 2F, 2G
(d) 1J, 1K, 1L,
DQd
1M, 2J, 2K,
2L, 2M
11C
11N
NC/DQPa
NC/
No Connect/Parity Data I/Os: On the x32 version, these are No
1N
11C
NC/DQPb
I/O
Connect (NC). On the x18 version, Byte “a” parity is DQPa; Byte “b”
1C
NC/DQPc
parity is DQPb. On the x36 version, Byte “a” parity is DQPa; Byte
1N
NC/DQPd
“b” parity is DQPb; Byte “c” parity is DQPc; Byte “d” parity is DQPd.
4D, 4E, 4F,
4D, 4E, 4F,
VDD
Supply Power Supply: See DC Electrical Characteristics and Operating
4G, 4H, 4J,
4G, 4H, 4J,
Conditions for range.
4K, 4L, 4M,
4K, 4L, 4M,
8D, 8E, 8F,
8D, 8E, 8F,
8G, 8H, 8J,
8G, 8H, 8J,
8K, 8L, 8M
8K, 8L, 8M
(continued on next page)


Similar Part No. - MT58L256L32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256L32D MICRON-MT58L256L32D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L256L32P MICRON-MT58L256L32P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
More results

Similar Description - MT58L256L32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com