Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B8227 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B8227
Description  Surface Mount Zero Bias Schottky
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B8227 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B8227 Datasheet HTML 1Page - List of Unclassifed Manufacturers B8227 Datasheet HTML 2Page - List of Unclassifed Manufacturers B8227 Datasheet HTML 3Page - List of Unclassifed Manufacturers B8227 Datasheet HTML 4Page - List of Unclassifed Manufacturers B8227 Datasheet HTML 5Page - List of Unclassifed Manufacturers B8227 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B8220
Absolute Maximum Ratings
Parameter
Symbol
SOT-23/143
SOT-223
Units
Peak Inverse Voltage
PIV
15
15
V
Junction Temperature
TJ
150
150
°C
Storage Temperature
TSTG
-65 to 150
-65 to 150
°C
Forward Current (1µs Pulse)
IF
1
1
Amp
Thermal Resistance[2]
θjc
500
150
°C/W
Electrical Characteristics (TC = 25°C, Single Diode)
Part
No.
Package
Marking
Configuration
Min.
VBR(V)
Max.
VF(mV)
Max
VF (mV)
@
IF (mA)
Max
IR (nA)
@
VR (V)
Max
CT
(pF)
Typ.
RD (Ohms
8220
8221
8222
8223
8224
8225
8226
8227
8228
8229
822E
822F
822K
822L
822M
822N
822P
822R
0
1
2
3
4
5
6
7
8
9
E
F
K
L
M
N
P
R
Single
Single
Series
Common Anode
Common Cathode
Unconnected Pair
Series
Ring Quad
Bridge Quad
Cross-Over Quad
Common Anode
Common Cathode
High Isolation
Unconnected Pair
Unconnected Trio
Common Cathode Quad
Common Anode Quad
Bridge Quad
Ring Quad
15
340
0.5
10
100
1
1.0
12
Test Conditions
IR=100
µA
IF=1.0
mA
VF= 0
V
F=1
MHz
IF= 5 mA
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the
circuit board.


Similar Part No. - B8227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B8226G24V4H ETC2-B8226G24V4H Datasheet
642Kb / 2P
   Best 1U dual-socket SMP server implementation with high power-efficiency and overall performance
B8226G24W4H ETC2-B8226G24W4H Datasheet
642Kb / 2P
   Best 1U dual-socket SMP server implementation with high power-efficiency and overall performance
B8228Y190X2-045V4H ETC2-B8228Y190X2-045V4H Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
More results

Similar Description - B8227

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Agilent(Hewlett-Packard...
HSMS2855 HP-HSMS2855 Datasheet
108Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com