Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1024AV33-12AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1024AV33-12AC
Description  128K x 24 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1024AV33-12AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1024AV33-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1024AV33-12AC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7C1024AV33
Document #: 38-05149 Rev. *B
Page 8 of 11
Truth Table
CE1
CE2
CE3
OE
WE
I/O0–I/O23
Mode
Power
H
X
X
X
X
High Z
Power-Down
Standby (ISB)
X
L
X
X
X
High Z
Power-Down
Standby (ISB)
X
X
H
X
X
High Z
Power-Down
Standby (ISB)
L
H
L
L
H
Data Out
Read
Active (ICC)
L
H
L
X
L
Data In
Write
Active (ICC)
L
H
L
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C1024AV33-10AC
A101
100-Pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm)
Commercial
CY7C1024AV33-10BGC
BG119
119-Ball PBGA
12
CY7C1024AV33-12AC
A101
100-Pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm)
CY7C1024AV33-12BGC
BG119
119-Ball PBGA
CY7C1024AV33-12BGI
BG119
119-Ball PBGA
Industrial
15
CY7C1024AV33-15AC
A101
100-Pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm)
Commercial
CY7C1024AV33-15BGC
BG119
119-Ball PBGA
CY7C1024AV33-15BGI
BG119
119-Ball PBGA
Industrial


Similar Part No. - CY7C1024AV33-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-10BGXI CYPRESS-CY7C1024DV33-10BGXI Datasheet
315Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
More results

Similar Description - CY7C1024AV33-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_07 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_09 Datasheet
315Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com