Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV16859ZCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2SSTV16859ZCT
Description  13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV16859ZCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2SSTV16859ZCT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 7Page - Cypress Semiconductor CY2SSTV16859ZCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY2SSTV16859
Document #: 38-07463 Rev. *B
Page 3 of 8
Absolute Maximum Conditions[4,5]
Parameter
Description
Condition
Min.
Max.
Unit
VTERM[6]
Terminal Voltage with respect to VSS
–0.5
3.6
V
VTERM[7]
Terminal Voltage with respect to VSS
–0.5
VDD + 0.5
V
TSTG
Storage Temperature
–65°
150°C
°C
IOUT
DC Output Current
–50
50
mA
IIK
Continuous Clamp Current
VI<0 or VI>VSS
–50
50
mA
IOK
Continuous Clamp Current
VO<0 or VO>VDD
–50
50
mA
Idd
ISS
Continuous Current through each VDD, VDDQ or VSS
–100
100
mA
Recommended Operating Conditions[8]
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Supply voltage
2.3
2.5
2.7
V
VDDQ
Output supply voltage PC1600,PC2100,PC2700
2.3
2.5
2.7
V
PC3200
2.5
2.6
2.7
V
VREF
Reference voltage
(VREF = VDDQ/2)
PC1600,PC2100,PC2700
1.15
1.25
1.35
V
PC3200
1.25
1.3
1.35
V
VTT
Termination voltage
VREF – 40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VDD
V
VIH
AC Data Input high-level voltage
VREF + 310 mV
V
VIL
AC Data Input low-level voltage
VREF – 310 mV
V
VIH
DC Data Input high-level voltage
VREF + 150 mV
V
VIL
DC Data Input low-level voltage
VREF – 150 mV
V
VIH
RESET# Input high-level voltage
1.7
V
VIL
RESET# Input low-level voltage
0.7
V
VICR
CLK, CLK# Common-mode input voltage range
0.97
1.53
V
VI(PP)
CLK, CLK# Peak-to-peak input voltage
360
mV
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
85
°C
DC Electrical Specifications
Parameter
Description
Condition
VDD
Min.
Typ.[9]
Max.
Unit
VIK
Clamp Voltage
II = –18 mA
2.3V
–1.2
V
VOH
High level output
voltage
IOH = –100 µA
2.3 to 2.7V
VDD – 0.2
V
IOH = –16 mA
2.3V
1.95
V
VOL
Low level output
voltage
IOL = 100 µA
2.3 to 2.7V
0.2
V
IOL = 16 mA
2.3
0.35
V
II
All Inputs
VI = VDD or VSS
2.7V
± 5
µA
IDD
Static Standby
RESET# = VSS
IO = 0
2.7V
10
µA
Static Operating RESET# = VDD, VI = VIH(AC) or VIL(AC)
2.7
40.0
mA
Notes:
4.
The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
5.
Stresses greater than those listed under Absolute Maximum Conditions may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended period may affect reliability.
6.
VDD/VDDQ terminals.
7.
All terminals except VDD.
8.
The RESET# input of the device must be held at VDD or VSS to ensure proper device operation.
9.
All typical values are measured at TAMB = 25°C


Similar Part No. - CY2SSTV16859ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV16859ZCT SPECTRALINEAR-CY2SSTV16859ZCT Datasheet
135Kb / 7P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3100-Compliant
More results

Similar Description - CY2SSTV16859ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV16857 CYPRESS-CY2SSTV16857 Datasheet
143Kb / 8P
   14-Bit Registered Buffer PC2700-/PC3200-Compliant
logo
SpectraLinear Inc
CY2SSTV16859 SPECTRALINEAR-CY2SSTV16859 Datasheet
135Kb / 7P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3100-Compliant
CY2SSTV16857 SPECTRALINEAR-CY2SSTV16857 Datasheet
91Kb / 7P
   14-Bit Regstered Buffer PC2700-/PC3200-Compliant
logo
Pericom Semiconductor C...
PI74SSTVF16859 PERICOM-PI74SSTVF16859 Datasheet
193Kb / 8P
   13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com