Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME4311FEET Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME4311FEET
Description  Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4311FEET Datasheet(HTML) 2 Page - Analog Microelectronics

  AME4311FEET Datasheet HTML 1Page - Analog Microelectronics AME4311FEET Datasheet HTML 2Page - Analog Microelectronics AME4311FEET Datasheet HTML 3Page - Analog Microelectronics AME4311FEET Datasheet HTML 4Page - Analog Microelectronics AME4311FEET Datasheet HTML 5Page - Analog Microelectronics AME4311FEET Datasheet HTML 6Page - Analog Microelectronics AME4311FEET Datasheet HTML 7Page - Analog Microelectronics AME4311FEET Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AME, Inc.
2
Low Voltage Shunt Regulator
AME4311
n Ordering Information
Please consult AME sales office or authorized Rep./Distributor for other voltage accuracy and package type avail-
ability.
Part Number
Marking
Output Voltage Tolerance
Package
Temp. Range
AME4311EEAT
AME
4311
EEAT
yyww
1.24
0.5%
TO-92
- 40
oC to + 85oC
AME4311EEET
AVVww
1.24
0.5%
SOT-23
- 40
oC to + 85oC
AME4311FEET
AVWww
1.24
1.0%
SOT-23
- 40
oC to + 85oC
AME4311GEET
AVXww
1.24
1.5%
SOT-23
- 40
oC to + 85oC
AME4311EEEV
AGFww
1.24
0.5%
SOT-25
- 40
oC to + 85oC


Similar Part No. - AME4311FEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431B AME-AME431B Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
AME431B-1.24V AME-AME431B-1.24V Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431B-2.5V AME-AME431B-2.5V Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12 AME-AME431BAJATA12 Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z AME-AME431BAJATA12Z Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME4311FEET

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com