Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N5908 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTX1N5908
Description  1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N5908 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTX1N5908 Datasheet HTML 1Page - Microsemi Corporation JANTX1N5908 Datasheet HTML 2Page - Microsemi Corporation JANTX1N5908 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1500 WATT LOW VOLTAGE TRANSIENT
VOLTAGE SUPPRESSOR
SCOTTSD A L E DIVISION
1N5907 and 1N5908
ELECTRICAL CHARACTERISTICS @ 25oC
JEDEC
Type
No.
Reverse
Standoff
Voltage
VWM
(NOTE 1)
Volts
Minimum
Breakdown
Voltage
V(BR) @ 1 mA
Volts
Maximum
Standby
Current
ID @ VWM
µA
Maximum
Clamping
Voltage
VC @ IPP1
(FIG. 3)
Volts
Peak Pulse
Current
IPP1
(FIG. 3)
Amps
Maximum
Clamping
Voltage
VC @ IPP2
(FIG. 3)
Volts
Peak Pulse
Current
IPP2
(FIG. 3)
Amps
Maximum
Clamping
Voltage
VC @ IPP3
(FIG. 3)
Volts
Peak Pulse
Current
IPP3
(FIG. 3)
Amps
1N5907*
1N5908
5.0
5.0
6.0
6.0
300
300
7.6
7.6
30
30
8.0
8.0
60
60
8.5
8.5
120
120
* Also available in military qualified types with a JAN, JANTX, or JANTXV prefix per MIL-PRF-19500/500.
NOTE 1: A TVS is normally selected according to the reverse “Standoff Voltage” VWM which should be equal to or greater than the dc or
continuous peak operating voltge level.
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1 above)
V(BR)
Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25
oC
VC
Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the
peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise
due to both the series resistance and thermal rise and positive temperature coefficient (αV(BR))
IPP
Peak Pulse Current: The peak current during the impulse (See Figure 2)
PPP
Peak Pulse Power: The pulse power as determined by the product of VC and IPP
ID
Standby Current: The current at the standoff voltage (VWM)
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))
GRAPHS
FIGURE 1
FIGURE 2
PEAK PULSE POWER VS. PULSE TIME
DERATING CURVE
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
11-06-2003 REV A


Similar Part No. - JANTX1N5908

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5968 MICROSEMI-JANTX1N5968 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
JANTX1N5968C MICROSEMI-JANTX1N5968C Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
JANTX1N5968CUS MICROSEMI-JANTX1N5968CUS Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
JANTX1N5968D MICROSEMI-JANTX1N5968D Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
JANTX1N5968DUS MICROSEMI-JANTX1N5968DUS Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
More results

Similar Description - JANTX1N5908

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N6373 DIGITRON-1N6373 Datasheet
325Kb / 3P
   1500 WATT LOW CLAMPING FACTOR TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
3PMT5 MICROSEMI-3PMT5 Datasheet
491Kb / 3P
   POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com