Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP0G475M Datasheet(PDF) 5 Page - Rohm

Part # TCP0G475M
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCP0G475M Datasheet(HTML) 5 Page - Rohm

  TCP0G475M Datasheet HTML 1Page - Rohm TCP0G475M Datasheet HTML 2Page - Rohm TCP0G475M Datasheet HTML 3Page - Rohm TCP0G475M Datasheet HTML 4Page - Rohm TCP0G475M Datasheet HTML 5Page - Rohm TCP0G475M Datasheet HTML 6Page - Rohm TCP0G475M Datasheet HTML 7Page - Rohm TCP0G475M Datasheet HTML 8Page - Rohm TCP0G475M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
5/13
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Loading at
High temperature
Appearance
Appearance
Appearance
M , A case
M case
M case
M case
P case
P case
A case
P case
P , A case
Terminal strength Capacitance The measured value should be stable.
There should nosignificant abnormality.
A force is applied to the terminal until it bends
to 1mm and by a perscribed tool maintain the
condition for5s.(See the figure below)
1mm
F (Apply force)
(Unit : mm)
20
50
R230
45
45
L.C
∆C / C
Df
(tan
δ)
Capacitance
3 / 4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
Dip speed=25 2.5mm
/ s
Pre
−treatment(accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp.
Vibration
Measure value shoule not fluctuate during the
measurement.
There should no significant abnormality.
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Ydirections
Mounting : The terminal is soldered on a print
circuit board.
.
: 235 5 C
: 2 0.5s
: H63A
: Rosin25%
IPA75%
Apply force
a circuit board
product
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown
in the figure below for 10 1s after mounting the
terminal on a circuit board.
Dimensions
Refer to "External dimensions"
Measure using a caliper of JISB 7507 Class 2
or higher grade.
The indication should be clear
Dip in the isopropyl alcohol for 30 5s, at room
temperature.
thickness=1.6mm
+−
+−
+−
+−
+−
+−
M , P case : After applying the rated voltage
for 1000+36 h without discontinuation via the
serial resistance of 3
Ω or less at a tempera-
ture of 85 2 C, leave the sample at room
temperature / humidity for 1 to 2h and mea-
sure the value.
A case : After applying the rated voltage
for 2000+72 h without discontinuation via the
serial resistance of 3
Ω or less at a tempera-
ture of 85 2 C, leave the sample at room
temperature / humidity for 1 to 2h and mea-
sure the value.
+−
Resistance to solvents
Solderability
Duration
Solder
Flux
+−
within 15% of initial value
+−
within 10% of initial value
Others
TCA1A226
, TCA0J476
There should be nosignificant
abnormality.
There should be nosignificant
abnormality. The indications should
be clear.
Less than 200% of initial limit
Less than initial limit
+−
Within 20% of initial value
+−
Within 10% of initial value
Less than 200% of initial limit
Less than initial limit
150% of initial limit less than
A case


Similar Part No. - TCP0G475M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCP0G475M8R ROHM-TCP0G475M8R Datasheet
102Kb / 12P
   Chip tantalum capacitors
TCP0G475M8R ROHM-TCP0G475M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCP0G475M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com