Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62368 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62368
Description  3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62368 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62368 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62368 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62368 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62368 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62368 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62368GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
5
ns
AC CHARACTERISTICS(VCC,VrefU=+3V±10%, VCC
≥VrefU,GND,VrefL=0V,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Unit
Clock "L"pulse width
tCR
Clock rise time
tCKL
Parameter
Test conditions
tCKH
tCF
tDCH
tCHD
tCHL
Limits
Min
Typ
Max
tLDC
tLDH
LD "H" pulse duration
tDo
Data output delay time
ns
ns
ns
ns
ns
ns
ns
ns
200
200
200
200
30
60
200
100
100
Clock "H"pulse width
Clock fall time
Data set up time
Data hold time
LD set up time
LD hold time
tLDD
µs
ns
70
350
CL=100pF
D-A output setting time
TIMING CHART
tDCH
tCHD
tCKL
tCKH
tCR
tCF
tLDC
tLDH
tCHL
tLDD
CLK
DI
LD
D-A
OUTPUT
Do
OUTPUT
tDo
300
CL
≥100pF,VAO:0.1
2.6V
The time until the output becomes
the final value of 1/2 LSB


Similar Part No. - M62368

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
More results

Similar Description - M62368

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354P RENESAS-M62354P Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com