Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM1C475M8R Datasheet(PDF) 8 Page - Rohm

Part # TCM1C475M8R
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCM1C475M8R Datasheet(HTML) 8 Page - Rohm

Back Button TCM1C475M8R Datasheet HTML 4Page - Rohm TCM1C475M8R Datasheet HTML 5Page - Rohm TCM1C475M8R Datasheet HTML 6Page - Rohm TCM1C475M8R Datasheet HTML 7Page - Rohm TCM1C475M8R Datasheet HTML 8Page - Rohm TCM1C475M8R Datasheet HTML 9Page - Rohm TCM1C475M8R Datasheet HTML 10Page - Rohm TCM1C475M8R Datasheet HTML 11Page - Rohm TCM1C475M8R Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
8/13
22
0.9
33
1.3
47
68
1.9
2.7
3.3
1.5
4
10
0.5
15
0.6
TC A 0G 475
TC A 0G 106
TC A 0G 156
TC A 0G 226
TC A 0G 336
TC A 0G 476
TC A 0G 686
TC A 0J 335
4.7
TC A 0G 685
6.8
TC A 0J 475
4.7
2.2
TC A 0J 685
TC A 0J 106
2.5
5.2
6.8
3.3
10
4.7
0.5
6.3
13
15
TC A 0J 156
TC A 0J 226
22
3.0
0.5
0.7
TC A 0J 336
TC A 0A 476
TC A 1A 155
TC A 1A 225
TC A 1A 335
TC A 1A 475
TC A 1A 685
33
2.1
0.9
47
6.8
6.3
10
4
8
20,10
−55 C
125 C
25 C
85 C
10
6
8
10
12
18
6
8
10
12
8
6
18
12
14
30
34
10
12
14
30
10
12
34
8
10
12
16
24
8
10
12
16
8
10
24
(
Ω)
20.0
20.0
20.0
20,10
+−
+−
+−
+−
20,10
1.0
TC A 1A 106
10
12
10
1.5
TC A 1A 156
15
10
14
12
2.2
TC A 1A 226
22
12
30
16
TC A 1C 105
1.0
0.5
TC A 1C 155
1.5
TC A 1C 225
2.2
6
10
10
20
TC A 1C 335
3.3
16
8
20.0
0.8
TC A 1C 475
4.7
20,10
+−20,10
1.1
TC A 1C 685
6.8
0.6
TC A 1C 106
10
8
12
10
13
26
0.5
TC A 1D 105
1.0
20
6
10
8
20.0
< A case : 3216 size >
0.6
1.4
Part No.
Cap.
120Hz
(
µF)
Tolerance
(%)
Df
120Hz
(%)
Impedance
100kHz
Leakage
Current
25 C
1WV
5min
(
µA)
Surge
Voltage
85 C
(V)
Category
Voltage
125 C
(V)
Rated
Voltage
85 C
(V)
=Tolerance (M :
)
+−20%,K : +−10%


Similar Part No. - TCM1C475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCM1C475M8R ROHM-TCM1C475M8R Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results

Similar Description - TCM1C475M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com