Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMST4403 Datasheet(PDF) 3 Page - Rohm

Part # MMST4403
Description  PNP Medium Power Transistor (Switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMST4403 Datasheet(HTML) 3 Page - Rohm

  MMST4403 Datasheet HTML 1Page - Rohm MMST4403 Datasheet HTML 2Page - Rohm MMST4403 Datasheet HTML 3Page - Rohm MMST4403 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SST4403 / MMST4403 / 2N4403
Transistors
Rev.B
3/3
1.0
10
100
1000
0.8
1.2
1.4
1.8
1.6
0.4
0.2
0.6
1.0
0
COLLECTOR CURRENT : IC (
mA)
Fig.7 Grounded emitter propagation
characteristics
Ta=25˚C
VCE=10V
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.8 Gain bandwidth product
vs. collector current
Ta=25˚C
VCE=10V
1
10
100
1000
10
1
100
0.1
COLLECTOR CURRENT : IC (
mA)
Fig.9 Gain bandwidth product
Ta=25˚C
100MHz
200MHz
200MHz
300MHz
250MHz
0.1
1
10
100
10
100
1
REVERSE BIAS VOLTAGE (
V)
Fig.10 Input /output capacitance
vs. voltage
Ta=25˚C
f=1MHz
Cib
Cob
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.11 Turn-on time vs.collector
current
Ta=25˚C
IC / IB=10
VCC=30V
10V
1
10
100
1000
100
500
5
10
COLLECTOR CURRENT : IC (
mA)
Fig.12 Rise time vs. collector
current
Ta=25˚C
VCC=30V
IC / IB=10
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.13 Storage time vs. collector
current
Ta=25˚C
VCC=30V
IC=10IB1=10IB2
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.14 Fall time vs. collector
current
Ta=25˚C
VCC=30V
IC=10IB1=10IB2


Similar Part No. - MMST4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4403 TRSYS-MMST4403 Datasheet
195Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4403 ROHM-MMST4403 Datasheet
84Kb / 4P
   PNP Medium Power Transistor
MMST4403 ROHM-MMST4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
logo
GUANGDONG HOTTECH INDUS...
MMST4403 HOTTECH-MMST4403 Datasheet
206Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMST4403 DIODES-MMST4403 Datasheet
49Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30083 Rev. 2P-1
More results

Similar Description - MMST4403

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2907AT106 ROHM-UMT2907AT106 Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
SST4403 ROHM-SST4403_07 Datasheet
104Kb / 4P
   PNP Medium Power Transistor(Switching)
SST2907AT116 ROHM-SST2907AT116 Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
UMT4403 ROHM-UMT4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
UMT2907A ROHM-UMT2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Seme LAB
BCY70CSM SEME-LAB-BCY70CSM Datasheet
20Kb / 3P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
STMicroelectronics
BUL3P5 STMICROELECTRONICS-BUL3P5 Datasheet
212Kb / 10P
   MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com