Electronic Components Datasheet Search |
|
JAN1N4567A-3 Datasheet(PDF) 2 Page - Microsemi Corporation |
|
JAN1N4567A-3 Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 4 page 6.4 Volt Temperature Compensated Zener Reference Diodes SCOTTSD A L E DIVISION 1N4565 thru 1N4584A-1 DO-7 *ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified MAXIMUM VOLTAGE TEMPERATURE COEFFICIENT JEDEC TYPE Number (Notes 1, 4 & 5) ZENER TEST CURRENT (Note 3) IZT mA αVZ +/- %/oC +/- mV/ oC Temp. Range MAXIMUM REVERSE CURRENT IR @ 3 V µA MAX. DYNAMIC IMPEDANCE (Note 2) ZZT @ IZT OHMS 1N4565 1N4565A .5 .5 .01 .01 .64 .64 0 to +75 oC -55 to +100 oC 2.0 2.0 200 200 1N4566 1N4566A .5 .5 .005 .005 .32 .32 0 to +75 oC -55 to +100 oC 2.0 2.0 200 200 1N4567 1N4567A .5 .5 .002 .002 .13 .13 0 to +75 oC -55 to +100 oC 2.0 2.0 200 200 1N4568 1N4568A .5 .5 .001 .001 .06 .06 0 to +75 oC -55 to +100 oC 2.0 2.0 200 200 1N4569 1N4569A .5 .5 .0005 .0005 .03 .03 0 to +75 oC -55 to +100 oC 2.0 2.0 200 200 1N4570 1N4570A .5 .5 .01 .01 .64 .64 0 to +75 oC -55 to +100 oC 2.0 2.0 100 100 1N4571 1N4571A 1.0 1.0 .005 .005 .32 .32 0 to +75 oC -55 to +100 oC 2.0 2.0 100 100 1N4572 1N4572A 1.0 1.0 .002 .002 .13 .13 0 to +75 oC -55 to +100 oC 2.0 2.0 100 100 1N4573 1N4573A 1.0 1.0 .001 .001 .06 .06 0 to +75 oC -55 to +100 oC 2.0 2.0 100 100 1N4574 1N4574A 1.0 1.0 .0005 .0005 .03 .03 0 to +75 oC -55 to +100 oC 2.0 2.0 100 100 1N4575 1N4575A 2.0 2.0 .01 .01 .64 .64 0 to +75 oC -55 to +100 oC 2.0 2.0 50 50 1N4576 1N4576A 2.0 2.0 .005 .005 .32 .32 0 to +75 oC -55 to +100 oC 2.0 2.0 50 50 1N4577 1N4577A 2.0 2.0 .002 .002 .13 .13 0 to +75 oC -55 to +100 oC 2.0 2.0 50 50 1N4578 1N4578A 2.0 2.0 .001 .001 .06 .06 0 to +75 oC -55 to +100 oC 2.0 2.0 50 50 1N4579 1N4579A 2.0 2.0 .0005 .0005 .03 .03 0 to +75 oC -55 to +100 oC 2.0 2.0 50 50 1N4580 1N4580A 4.0 4.0 .01 .01 .64 .64 0 to +75 oC -55 to +100 oC 2.0 2.0 25 25 1N4581 1N4581A 4.0 4.0 .005 .005 .32 .32 0 to +75 oC -55 to +100 oC 2.0 2.0 25 25 1N4582 1N4582A 4.0 4.0 .002 .002 .13 .13 0 to +75 oC -55 to +100 oC 2.0 2.0 25 25 1N4583 1N4583A 4.0 4.0 .001 .001 .06 .06 0 to +75 oC -55 to +100 oC 2.0 2.0 25 25 1N4584 1N4584A 4.0 4.0 .0005 .0005 .03 .03 0 to +75 oC -55 to +100 oC 2.0 2.0 25 25 *JEDEC Registered Data. NOTES: 1. When ordering devices with tighter tolerances than specified for the VZ voltage nominal of 6.40V, add a hyphened suffix to the part number for desired tolerance, e.g. 1N4569A-2%, 1N4574A-1-1%, 1N4579-1-2%, 1N4584A-1-3%, etc. 2. Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25 oC. 3. Voltage measurements to be performed 15 seconds after application of dc test current IZT. 4. 1N4565 thru 1N4584 also have qualification to MIL-PRF-19500/452 by adding the JAN, JANTX, JANTXV, or JANS prefixes to part numbers as well as the “-1” suffix; e.g. JANTX1N4569A-1, JANTXV1N4574A-1, etc. 5. Designate Radiation Hardened devices with “RH” prefix instead of “1N,” i.e., RH4584A. Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 10-27-2003 REV B |
Similar Part No. - JAN1N4567A-3 |
|
Similar Description - JAN1N4567A-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |