Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C103G4UAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603C103G4UAC
Description  CERAMIC CHIP/STANDARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C103G4UAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603C103G4UAC Datasheet HTML 1Page - Kemet Corporation C0603C103G4UAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
41
KEMET
®
CERAMIC CHIP/STANDARD
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
* EIA preferred chip sizes
C0805*
C1206*
C1210*
C1812*
C1825*
C2225
100V
50V 100V 50V 100V 50V
334
394
474
100V
100V
50V
100V
50V
100V
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
50V
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
CAP
TOL
6800.0
8200.0
10,000.0
12,000.0
15,000.0
18,000.0
22,000.0
27,000.0
33,000.0
39,000.0
47,000.0
56,000.0
68,000.0
82,000.0
100,000.0
120,000.0
150,000.0
180,000.0
220,000.0
270,000.0
330,000.0
390,000.0
470,000.0
560,000.0
680,000.0
820,000.0
1,000,000.0
1,200,000.0
1,500,000.0
1,800,000.0
2,200,000.0
CAP.
PF
682
822
103
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
274
334
473
563
683
823
823
104
124
154
184
224
274
334
394
474
564
684
824
105
823
104
124
154
184
224
274
334
394
474
564
684
824
105
125
155
185
225
184
224
274
334
394
334
394
474
564
684
824
105
125
155
185
225
Z5U CAPACITANCE RANGE
(KEMET's Z5U also meets Y5V Characteristics)


Similar Part No. - C0603C103G4UAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C103G4GAC KEMET-C0603C103G4GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
More results

Similar Description - C0603C103G4UAC

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-7700-1C RENCO-RL-7700-1C Datasheet
1Mb / 8P
   STANDARD CERAMIC WIREWOUND CHIP INDUCTORS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com