Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA-570LT Datasheet(PDF) 1 Page - Rohm

Part # SLA-570LT
Description  High Brightness Type 5.0 Circular Type LED Lamps Focus Type 2 1/2:25>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLA-570LT Datasheet(HTML) 1 Page - Rohm

  SLA-570LT Datasheet HTML 1Page - Rohm SLA-570LT Datasheet HTML 2Page - Rohm SLA-570LT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity
External Dimensions(Unit:mm)
(TYP.)
SLA-570 Series
Tolerance:
±0.2
0
50
100
50
100
Relative Luminous Intensity (
%)
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
□0.5
φ5.0
CATHODE
(2.5)
4−0.6
Recommemded Pad Layout
(Unit:mm)
1.0
2.0
2.5
±0.1
Packaging Spacifications(Unit:mm)
Packaging
Bulk
(3F)
:1000pcs/Box
70
100
170
High Brightness Type φ5.0 Circular Type LED Lamps〈Mid Focus Type 2θ 1/2:25°〉
CONVENTIONAL LED LAMPS
Shape
Emitting Surface
Dimension (mm)
563nm
660nm(single)
SLA-570MT
SLA-570LT
Green
Red
GaP
GaAlAs on GaAs
SLA-570MT
SLA-570LT
Green
100
50
75
75
25
60
4
-30 to +100
-25 to +85
Red
Circular Type
φ5.0
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
SLA-570MT
SLA-570LT
20
1.75
2.3
100
10
4
563
660
40
25
200
90
220
470
20
20
Transparent
Clear
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave


Similar Part No. - SLA-570LT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-570LT3F ROHM-SLA-570LT3F Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
More results

Similar Description - SLA-570LT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-570 ROHM-SLI-570 Datasheet
333Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLI-580 ROHM-SLI-580 Datasheet
300Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLA-580 ROHM-SLA-580 Datasheet
280Kb / 3P
   High Brightness Type 5 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
   High Brightness Type PI 3.1 Circular Type LED Lamps
SLA580BC4T ROHM-SLA580BC4T Datasheet
161Kb / 3P
   5.0(T-1 3/4) Circular Type High Brightness Type
SLA560WBD2PT ROHM-SLA560WBD2PT Datasheet
182Kb / 2P
   5.0(T-1 3/4) Circular Type High Brightness Type
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
   Dual-Color Type 5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com