Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM871 Datasheet(PDF) 6 Page - Rohm

Part # RPM871
Description  IrDA Infrared communication Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM871 Datasheet(HTML) 6 Page - Rohm

  RPM871 Datasheet HTML 1Page - Rohm RPM871 Datasheet HTML 2Page - Rohm RPM871 Datasheet HTML 3Page - Rohm RPM871 Datasheet HTML 4Page - Rohm RPM871 Datasheet HTML 5Page - Rohm RPM871 Datasheet HTML 6Page - Rohm RPM871 Datasheet HTML 7Page - Rohm RPM871 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RPM871
Photo Link Module
Rev.B
6/7
Notes
1) LEDVCC (8pin) and VCC (3pin)
Other power source can be used difference between LEDVCC and VCC.
2) Caution in designing board lay-out
To get maximum potential from RPM871, please keep in mind following instruction.
The line of RXD (6pin) should be connected at backside via through hole close to RPM871 pin lead. Better not to
be close to photo diode side (1pin).
⇒This is to minimize feedback supplied to photo diode from RXD.
As for C1 between 3-4 pin should be placed close to RPM871.
Better to be placed more than 1.0cm in radius from photo diode (pin1 side) and also away from the parts which
generates noise, such as DC / DC converter.
3) Others
Please be sure to set up the TXD (7pin) input to be “L” (under 0.55V) except transmitting data
(for
< 90µsec. on duty < 20%).
Power down current might increase if exposed by strong light (ex. direct sunlight) at power down mode.
Please use by the signal format which is specified by IrDA Ver1.2 (2.4k to 115.2kbps). There might be on error if used
by different signal format.
Dust or dirt on lens portion may affect the characteristics, so pay sufficient attention.
4) LED current derating and ambient temperature
The relation between LED peak current and maximum ambient temperature is shown below.
We recommend you to use within the range as indicated in below.
a) When glass-epoxy board (70
×70×1.6mm) mounted.
−20
0
20406080
10
AMBIENT TEMPERATURE : Ta (
°C)
0
50
100
150
200
250
0
Duty
=10%
Duty
=20%
b) RPM871
−20
0
20406080
10
AMBIENT TEMPERATURE : Ta (
°C)
0
50
100
150
200
250
0
Duty
=10%
Duty
=20%


Similar Part No. - RPM871

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM871 ROHM-RPM871 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM871 ROHM-RPM871 Datasheet
92Kb / 8P
   IrDA Infrared communication Module
RPM871 ROHM-RPM871 Datasheet
75Kb / 8P
   IrDA Infrared communication Module
RPM871-E4 ROHM-RPM871-E4 Datasheet
75Kb / 8P
   IrDA Infrared communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
More results

Similar Description - RPM871

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com