Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN262G Datasheet(PDF) 1 Page - Rohm

Part # RN262G
Description  PIN diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN262G Datasheet(HTML) 1 Page - Rohm

  RN262G Datasheet HTML 1Page - Rohm RN262G Datasheet HTML 2Page - Rohm RN262G Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RN262G
Diodes
1/2
PIN diode
RN262G
Applications
External dimensions (Unit : mm)
Land size figure (Unit : mm)
High frequency switching
Features
1) Ultra small mold type. (VMD2)
2) Low high-frequency forward resistance / low
capacitance (CT).
Construction
Structure
ROHM : VMD2
dot (year week factory)
0.13±0.03
0.5±0.05
0.27±0.03
0.6±0.05
VMD2
0.5
Silicon epitaxial planar
Taping dimensions (Unit : mm)
0.76±0.1
4±0.1
4±0.1
2±0.05
φ1.5+0.1
     0
0.18±0.05
0.65±0.05
φ0.5
2±0.05
0.3
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VR
V
IF
mA
Pd
mA
Tj
Tstg
100
Limits
30
100
Parameter
Reverse voltage
Forward current
er dissipation
150
-55 to +150
Pow
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
--
1
V
IF=10mA
IR
--
0.1
µA
VR=30V
Capacitance between terminals
Ct
-
-
0.4
pF
VR=1V , f=1MHz
--
2.8
Ω
IF=3mA,f=100MHz
--
1.5
Ω
IF=10mA,f=100MHz
Conditions
gh frequency resistance
Rf
verse current
Parameter
ard voltage
Forw
Re
Hi


Similar Part No. - RN262G

ManufacturerPart #DatasheetDescription
logo
Rohm
RN262G ROHM-RN262G Datasheet
1Mb / 8P
   PIN Diodes
RN262GFH ROHM-RN262GFH Datasheet
788Kb / 6P
   PIN diode
RN262GT2R ROHM-RN262GT2R Datasheet
284Kb / 5P
   PIN diode
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
More results

Similar Description - RN262G

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com