Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17240MC-XXX-5A4 Datasheet(PDF) 5 Page - NEC

Part # UPD17240MC-XXX-5A4
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17240MC-XXX-5A4 Datasheet(HTML) 5 Page - NEC

  UPD17240MC-XXX-5A4 Datasheet HTML 1Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 2Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 3Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 4Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 5Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 6Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 7Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 8Page - NEC UPD17240MC-XXX-5A4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
5
Data Sheet U15002EJ1V0DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
PIN CONFIGURATION (TOP VIEW)
30-pin plastic SSOP (7.62 mm (300))
µPD17240MC-×××-5A4, 17241MC-×××-5A4, 17242MC-×××-5A4, 17243MC-×××-5A4,
µPD17244MC-×××-5A4, 17245MC-×××-5A4, 17246MC-×××-5A4
P0D2
P0D3
P1B0/INT
P0E0
P0E1
P0E2
P0E3
REM
VDD
XOUT
XIN
GND
RESET
P1A0
P1A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
P1A2
P0D1
P0D0
P0C3
P0C2
P0C1
P0C0
P0B3
P0B2
P0B1
P0B0
P0A3
P0A2
P0A1
P0A0
GND:
Ground
INT:
External interrupt request signal input
P0A0 to P0A3: Input port (CMOS input with pull-up resistor)
P0B0 to P0B3: I/O port (CMOS input with pull-up resistor/N-ch open-drain output)
P0C0 to P0C3: I/O port (CMOS input with pull-up resistor/N-ch open-drain output)
P0D0 to P0D3: I/O port (CMOS input with pull-up resistor/N-ch open-drain output)
P0E0 to P0E3: I/O port (when key matrix is used: CMOS input with pull-up resistor/N-ch open-
drain output, when key matrix is not used: CMOS input/push-pull output)
P1A0/P1A2:
Input port (when key matrix is used: CMOS input/N-ch open-drain output, when
key matrix is not used: CMOS input/push-pull output)
P1B0:
Input port (CMOS input)
REM:
Remote controller output (CMOS push-pull output)
RESET:
Reset input
VDD:
Power supply
XIN, XOUT:
Resonator connection


Similar Part No. - UPD17240MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17240 RENESAS-UPD17240 Datasheet
696Kb / 104P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD17240MC-XXX-5A4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
   8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com