Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCM2234R-A Datasheet(PDF) 3 Page - Rohm

Part # RCM2234R-A
Description  20 characters x 2 lines COG module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCM2234R-A Datasheet(HTML) 3 Page - Rohm

  RCM2234R-A Datasheet HTML 1Page - Rohm RCM2234R-A Datasheet HTML 2Page - Rohm RCM2234R-A Datasheet HTML 3Page - Rohm RCM2234R-A Datasheet HTML 4Page - Rohm RCM2234R-A Datasheet HTML 5Page - Rohm RCM2234R-A Datasheet HTML 6Page - Rohm RCM2234R-A Datasheet HTML 7Page - Rohm RCM2234R-A Datasheet HTML 8Page - Rohm RCM2234R-A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RCM2234R-A / B
Liquid Crystal Displays
3/8
Electrical characteristics (VDD=5.0V, Ta=25
°C)
Parameter
Logic power voltage
LCD power voltage
H input voltage (1)
L input voltage (2)
H output voltage
L output voltage
LCD driving voltage
Symbol
VDD
VLCDI
VIH
VIL
VOH
VOL
fosc
VLCD
Min.
4.75
3.0
0.7VDD
VSS
0.8VDD
Typ.
5.0
Max.
5.25
5.0
VDD
0.7
0.2VDD
5.0
Unit
V
V
V
V
V
V
Conditions
IOH
= −100µA
IOL
=100µA
LCD drive resistance
325
kHz
250
175
3.0
Current consumption
IDD
700
1400
µA
Check pattern
Clock oscillation frequency
Terminal Name
E, RS, SEL1,
DB0 to DB7
DB0 to DB7
VDD
Optical characteristics (Ta=25
°C)
(1) Viewing direction 6:00
Parameter
Response time
Response time
Contrast ratio
Viewing angle
Symbol
tr
td
K
θ1
θ2
φ
Min.
20
±30
Typ.
100
150
3
Max.
250
250
0
Unit
ms
ms
deg
deg
Test Conditions
θ=10
°, φ=0°
K 1.2
φ=0
°
K 1.2
θ=20
°
θ=10
°, φ=0°
θ=10
°, φ=0°
(2) Viewing direction 12:00
Parameter
Symbol
tr
td
K
θ1'
θ2'
φ
Min.
20
150 to 210
Typ.
100
150
3
Max.
250
250
0
Unit
ms
ms
deg
deg
Test Conditions
θ'=10
°, φ=180°
K
1.2
φ=180
°
K
1.2
θ'=20
°
θ'=10
°, φ=180°
θ'=10
°, φ=180°
Response time
Response time
Contrast ratio
Viewing angle


Similar Part No. - RCM2234R-A

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
RCM2228R-B ROHM-RCM2228R-B Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
More results

Similar Description - RCM2234R-A

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
   20 characters X 2 lines COG module
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
RCM2090R ROHM-RCM2090R Datasheet
174Kb / 8P
   16 characters x 2 lines COG module
logo
List of Unclassifed Man...
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
   LCD MODULE 20 CHARACTERS X 2 LINES
SC2002F ETC-SC2002F Datasheet
63Kb / 1P
    20 CHARACTERS x 2 LINES
LC2021 ETC1-LC2021 Datasheet
32Kb / 1P
   20 characters x 2 lines
SD1602I ETC-SD1602I Datasheet
103Kb / 1P
   LCD MODULE (16 CHARACTERS X 2 LINES )
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
   20 CHARACTERS x 4 LINES
DV-20410 ETC1-DV-20410 Datasheet
598Kb / 1P
   20 characters x 4 lines
DV20400 ETC-DV20400 Datasheet
959Kb / 1P
   20 characters x 4 lines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com