Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCM1990U-A Datasheet(PDF) 3 Page - Rohm

Part # RCM1990U-A
Description  16 X 16 dots large-sized liquid crystal display unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCM1990U-A Datasheet(HTML) 3 Page - Rohm

  RCM1990U-A Datasheet HTML 1Page - Rohm RCM1990U-A Datasheet HTML 2Page - Rohm RCM1990U-A Datasheet HTML 3Page - Rohm RCM1990U-A Datasheet HTML 4Page - Rohm RCM1990U-A Datasheet HTML 5Page - Rohm RCM1990U-A Datasheet HTML 6Page - Rohm RCM1990U-A Datasheet HTML 7Page - Rohm RCM1990U-A Datasheet HTML 8Page - Rohm RCM1990U-A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RCM1990U-A
Liquid crystal displays
3/8
Absolute maximum ratings
(Ta
=25°C)
Input voltage
Operating temperature
Storage temperature
Limits
−0.3 to +7.0
−0.3 to +7.0
−0.3 to VDD+0.3
0 to
+50
−10 to +60
Symbol
VDD
VDD-VEE
VIN
Topr
Tstg
Unit
V
V
V
°C
°C
Logic circuit
LCD drive
Power supply
voltage
Parameter
Electrical characteristics
(Ta
=25°C, VDD=5.0V±0.25V)
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
Recommended LCD drive voltage
Current dissipation
Parameter
IOH
=−0.4mA
IOH
=+0.4mA
Ta
=25°C
fCL
=1MHz, fM=70Hz
Conditions
Unit
V
V
V
V
V
mA
Max.
1.5
0.4
3.0
Typ.
5.0
1.0
Min.
3.5
4.6
VIH
VIL
VOH
VOL
VLCD
IDD
Symbol
AC characteristics
(Ta
=25°C, VDD=5.0)
Shift frequency
High level lock width
Low level lock width
Data setup time
Clock setup time 1
Clock setup time 2
Data hold time
FLM setup time
FLM hold time
Clock rise / fall time
Output delay time
AC conversion signal
Parameter
fCL
tCWH
tCWL
tSU
tSL
tLS
tDH
tFDS
tFDH
tct
tpd
fM
Symbol
CL2
CL1, CL2
CL2
DI
CL2
CL1
DI
FLM
FLM
CL1, CL2
DO
M
470
470
120
220
220
120
120
120
Min.
70
Typ.
1
50
250
Max.
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Hz
Unit
Applicable terminal


Similar Part No. - RCM1990U-A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RCM100-100FNB AAC-RCM100-100FNB Datasheet
121Kb / 1P
   HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100FYB AAC-RCM100-100FYB Datasheet
121Kb / 1P
   HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100JNB AAC-RCM100-100JNB Datasheet
121Kb / 1P
   HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100JYB AAC-RCM100-100JYB Datasheet
121Kb / 1P
   HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100KNB AAC-RCM100-100KNB Datasheet
121Kb / 1P
   HIGH POWER RESISTOR - Non Inductive Chassis Mounting
More results

Similar Description - RCM1990U-A

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM1277U-A ROHM-RCM1277U-A Datasheet
110Kb / 7P
   16 x 16 dots transmissive large-sized liquid crystal display unit
RCU1383U-A ROHM-RCU1383U-A Datasheet
137Kb / 8P
   24 x 24 dots transmissive large-sized liquid crystal display unit
RCM1381U-A ROHM-RCM1381U-A Datasheet
156Kb / 8P
   24 x 24 dots multicolored largesized liquid crystal display unit
logo
Sanyo Semicon Device
DM1621 SANYO-DM1621 Datasheet
147Kb / 7P
   16 characters x 2 line Liquid Crystal Dot Matrix Display Module
DM1623 SANYO-DM1623 Datasheet
274Kb / 10P
   16 characters x 2 line Liquid Crystal Dot Matrix Display Module
DM161B SANYO-DM161B Datasheet
139Kb / 7P
   16 characters x 1 line Liquid Crystal Dot Matrix Display Module
DM1620 SANYO-DM1620 Datasheet
144Kb / 7P
   16 characters x 2 line Liquid Crystal Dot Matrix Display Module
DM1613 SANYO-DM1613 Datasheet
149Kb / 7P
   16 characters x 1 line Liquid Crystal Dot Matrix Display Module
DM1622 SANYO-DM1622 Datasheet
218Kb / 9P
   16 characters x 2 line Liquid Crystal Dot Matrix Display Module
DM1640 SANYO-DM1640 Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com