Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1250-004 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMV1250-004
Description  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1250-004 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMV1250-004 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1250-004 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
2–5
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
12 Volt Hyperabrupt Junction Varactors (cont.)
Reverse Breakdown Voltage, VB (10 µA):
12V Min.
Reverse Current, IR (8V):
50 nA
CT
@ 2.5V
CT @ 1V
CT @ 2.5V
CT @ 2.5V
CT @ 4V
Q
@ 4V
@5
(pF)
CT @ 2.5V
(Ratio)
CT @ 4V
(Ratio)
@ 4V
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Typ.
Min.
Max.
Min.
Max.
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
18
27
1.5
2.0
1.5
2.0
150
SMV1222–011
SMV1222–001
9
13
1.5
2.0
1.5
2.0
200
SMV1223–011
SMV1223–001
6
8
1.5
2.0
1.5
2.0
300
SMV1224–001
4.2
5.6
1.5
2.0
1.5
2.0
350
SMV1225–001
15 Volt Hyperabrupt Junction Varactors
Reverse Breakdown Voltage, VB (10 µA):
15V Min.
Reverse Current, IR (12V):
50 nA Max.
CT
@1V
CT @ 1V
CT @3V
CT @ 1V
CT @6V
Rs
@ 3V
50 MHz
Q
@3V
@ 1V
(pF)
CT @ 3V
(Ratio)
CT @ 6V
(Ratio)
50 MHz
(
W)
@ 3V
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Max.
Min.
Max.
Min.
Max.
Max..
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
3.0
3.6
1.5
1.9
2.6
3.3
1.2
1200
SMV1233–011
SMV1233–001
SMV1233–003
SMV1233–004
5.85
7.15
1.6
2.0
2.8
3.4
0.8
1000
SMV1234–011
SMV1234–001
SMV1234–003
SMV1234–004
10.35
12.65
1.6
2.0
2.9
3.4
0.6
750
SMV1235–011
SMV1235–001
SMV1235–004
15.50
18.50
1.6
2.0
3.0
3.5
0.5
700
SMV1236–011
SMV1236–001
SMV1236–003
SMV1236–004
45.00
54.0
1.6
2.0
3.0
3.5
0.25
500
SMV1237–001
SMV1237–004
22 Volt Hyperabrupt Junction Varactors
Reverse Breakdown Voltage, VB (10 µA):
22V Min.
Reverse Current, IR (17.6 V):
50 nA Max.
CT
@VR1
VR1
CT
@VR2
VR2
CT1
CT2
Q
@VR1
@ VR1
(pF)
VR1
(V)
@ VR2
(pF)
R
(V)
CT2
(Ratio)
@ VR1
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Max.
Min.
Max.
Min.
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
10.5
12.5
3
2.1
2.5
20
4.6
400
SMV1206–011
SMV1206–001
SMV1206–004
25
31
3
4.5
5.3
20
4.8
300
SMV1207–001
SMV1207–004
2.5
3.3
4
0.6
0.85
20
3.0
500
SMV2022–011
SMV2022–001
SMV2022–003
SMV2022–004
4.4
5.4
4
0.9
1.2
20
4.2
500
SMV2023–011
SMV2023–001
SMV2023–003
SMV2023–004
18
22
4
3.1
3.9
20
4.6
300
SMV1227–001
45
55
4
7.3
9.2
20
5.0
200
SMV1228–001
100
120
4
16
20
20
5.2
125
SMV1229–001
" All plastic packaged varactors are available through distribution.
Plastic Packaged Surface Mount Varactor Diodes


Similar Part No. - SMV1250-004

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1251 SKYWORKS-SMV1251 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251 SKYWORKS-SMV1251 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1251-001 ALPHA-SMV1251-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1251-001 SKYWORKS-SMV1251-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-001LF SKYWORKS-SMV1251-001LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

Similar Description - SMV1250-004

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com