Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3196-12SB Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3196-12SB
Description  2A Sink/Source DDR-I, -II Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3196-12SB Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3196-12SB Datasheet HTML 1Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 2Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 3Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 4Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 5Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 6Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 7Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 8Page - California Micro Devices Corp CM3196-12SB Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
CM3196
Specifications
Note 1: These devices must be derated based on thermal resistance at elevated temperatures. The device packaged in an 8-pin
SOIC package must be derated at
θ
JA = 151°C/W and the 8-pin PSOP must be derated at θJA = 43°C/W.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
AVIN Operating Supply Voltage
7
V
VDDQ Input Voltage
7V
Pin Voltages
VTT Output
Any other pins
7
7
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
-40 to +85
-40 to +150
°C
°C
Power Dissipation (See note 1)
Internally Limited
W


Similar Part No. - CM3196-12SB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM31 CML-CM31 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM31 VCC-CM31 Datasheet
27Kb / 1P
   Base
logo
Lumberg
CM31-01 LUMBERG-CM31-01 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM31-03 LUMBERG-CM31-03 Datasheet
374Kb / 3P
   Tools and harnessing machines
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
More results

Similar Description - CM3196-12SB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com