Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRDP006W-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DRDP006W-7
Description  COMPLEX ARRAY FOR RELAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDP006W-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DRDP006W-7 Datasheet HTML 1Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 2Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 3Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 4Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 5Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 6Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 7Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 8Page - Diodes Incorporated DRDP006W-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS30573 Rev. 8 - 2
6 of 9
DRD (xxxx) W
www.diodes.com
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 5, Typical Collector-Cutoff Current
vs. Ambient Temperature (DRDN005W)
10
0.01
0.1
1
25
50
75
100
125
V
= 80V
CB
1
10
1000
10000
100
1
10
1000
100
I , COLLECTOR CURRENT (mA)
C
Fig. 8, DC Current Gain vs
Collector Current (DRDN005W)
T = -50°C
A
T = 25°C
A
T = 150°C
A
V
= 5V
CE
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 7, Collector Emitter Saturation Voltage
vs. Collector Current (DRDN005W)
T = 25°C
A
T = -50°C
A
T = 150°C
A
0.050
0
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
I
C
I
B
= 10
0.001
0.01
I
BASE CURRENT (mA)
B,
Fig. 6, Typical Collector Saturation Region (DRDN005W)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
1
10
1000
100
1
10
I , COLLECTOR CURRENT (mA)
C
Fig. 10, Gain Bandwidth Product vs
Collector Current (DRDN005W)
V
= 5V
CE
0.1
0.2
0.1
1
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
C
Fig. 9, Base Emitter Voltage vs Collector Current (DRDN005W)
T = -50°C
A
T = 25°C
A
T = 150°C
A


Similar Part No. - DRDP006W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDPB16W DIODES-DRDPB16W Datasheet
355Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DRDPB26W DIODES-DRDPB26W Datasheet
355Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
More results

Similar Description - DRDP006W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DRDNB21D DIODES-DRDNB21D Datasheet
97Kb / 5P
   COMPLEX ARRAY FOR DUAL RELAY DRIVER
DS30756 Rev. 3 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
   COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
   COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com