Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP4004B Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # OP4004B
Description  625.00 MHz Optical Timing Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4004B Datasheet(HTML) 6 Page - RF Monolithics, Inc

  OP4004B Datasheet HTML 1Page - RF Monolithics, Inc OP4004B Datasheet HTML 2Page - RF Monolithics, Inc OP4004B Datasheet HTML 3Page - RF Monolithics, Inc OP4004B Datasheet HTML 4Page - RF Monolithics, Inc OP4004B Datasheet HTML 5Page - RF Monolithics, Inc OP4004B Datasheet HTML 6Page - RF Monolithics, Inc OP4004B Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
625.00 MHz
Optical Timing Clock
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 6 of 7
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4004B-041003
SMC-8
8-Terminal Surface Mount Case
Dimen-
sion
mm
Inches
MIN
MAX
MIN
MAX
A
13.46
13.97
0.530
0.550
B
9.14
9.66
0.360
0.380
C
1.93 Nominal
0.076 Nominal
D
3.56 Nominal
0.141 Nominal
E
2.24 Nominal
0.088 Nominal
F
1.27 Nominal
0.050 Nominal
G
2.54 Nominal
0.100 Nominal
H
3.05 Nominal
0.120 Nominal
J
1.93 Nominal
0.076 Nominal
K
5.54 Nominal
0.218 Nominal
L
4.32 Nominal
0.170 Nominal
M
4.83 Nominal
0.190 Nominal
N
0.50 Nominal
0.020 Nominal
Terminal
Number
Connection
1
VCC
2
Ground
3
Enable/Disable
4
Q Output
5
Q Output
6
Ground
7
8
Tuning Input
LID
Ground
ELECTRICAL CONNECTIONS
Typically 0.01" to 0.05" or 0.25 mm to
1.25 mm (8 Places)
(The optimum value of this dimension is
dependent on the PCB assembly process
employed.)
Typical Printed Circuit Board Land Pattern
A typical land pattern for a circuit board is shown on the right.
Grounding of the metallic center pad is optional.
1
2
3
4
8
7
6
5
TOP VIEW
A
B
N
J
L
(X2)
D
(X8)
K
(X8)
C
H
G
M
(X3)
E
F


Similar Part No. - OP4004B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4004B MURATA-OP4004B Datasheet
418Kb / 7P
   625.00 MHz Optical Timing Clock
More results

Similar Description - OP4004B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4004B MURATA-OP4004B Datasheet
418Kb / 7P
   625.00 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
   718.864 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4014B RFM-OP4014B Datasheet
129Kb / 2P
   627.329 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com