Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62366GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62366GP
Description  3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62366GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62366GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62366GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62366GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62366GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62366GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62366GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
2
EXPLANATION OF TERMINALS
Pin No.
Symbol
Function
17
14
16
15
18
19
2
3
4
5
6
7
8
9
DI
Do
CLK
LD
Ao2
Serial data input terminal to input 12-bit long serial data
When H-level signal is input to this terminal,the value stored in 12-bit shift register is loaded
in decoder and D-A converter output register
D-A converter lower reference voltage input terminal
Ao3
8-bit D-A converter output terminal
Terminal to output MSB data of 12-bit shift register
Shift clock input terminal.Input signal at DI pin is input to 12-bit shift register at rise of shift clock pulse
Power supply terminal
12
13
11
20
10
1
GND terminal
GND
VDD
VCC
VSS
Ao4
Ao5
Ao6
Ao7
Ao8
Ao1
Ao9
Ao10
Ao11
Ao12
D-A converter upper reference voltage input terminal
BLOCK DIAGRAM FOR EXPLANATION OF TERMINALS
20
VDD
11
10
18
13
1
GND
Vcc
(VrefU)
Vss
(VrefL)
Ao1
Ao12
12-BIT SHIFT REGISTER
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
ADDRESS DECODER
...............
8-BIT
LATCH
............
8-BIT
LATCH
............
..............................................12
..............................................
...................................................................................................
12
4
3
2
1
D7
D0
D7
D0
12
8
-
-
14
15
Do
LD
17
16
DI
CLK
8-BIT
R-2R + SEGMENT
D-A CONVERTER
8-BIT
R-2R + SEGMENT
D-A CONVERTER
1


Similar Part No. - M62366GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
   3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
More results

Similar Description - M62366GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
   3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com