Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTH28NC3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NTH28NC3
Description  Crystal Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NTH28NC3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NTH28NC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTH28NC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTH28NC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SaRonix
NTH / NCH Series
SaRonix
Crystal Clock Oscillator
Technical Data
3.3V, LVCMOS / HCMOS, Tri-State
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894
DS-159
REV D
Symmetry:
Rise and Fall Times:
Logic 0:
Logic 1:
Load:
Period Jitter RMS:
0.5 MHz to 106.25 MHz
Frequency Stability:
Frequency Range:
±20, ±25, ±50 or ±100 ppm over all conditions: calibration
tolerance, operating temperature, input voltage change,
load change, 30 day aging, shock and vibration.
Temperature Range:
Operating:
Storage:
0 to +70°C or -40 to +85°C, See Part Numbering Guide
-55 to +125°C
Supply Voltage:
Recommended Operating:
3.3V ±10%
Supply Current:
20mA max, 0.5 to 30 MHz
25mA max, 30+ to 50 MHz
30mA max, 50+ to 80 MHz
35mA max, 80+ to 106.25 MHz
ACTUAL SIZE
Description
A crystal controlled, low current, low
jitter and high frequency oscillator with
precise rise and fall times demanded in
networking applications. The tri-state
function on the NTH enables the output
to go high impedance. Device is pack-
aged in a 14 or an 8-pin DIP compatible
resistance welded, all metal grounded
case to reduce EMI. True SMD DIL14
versions for IR reflow are available, se-
lect option "S" in part number builder.
See separate data sheet for SMD package
dimensions.
Output Drive:
45/55% max 0.5 to 70 MHz max
40/60% max @ 50% VDD
4ns max 0.5 to 50 MHz, 20% to 80% VDD
3ns max 50+ to 80 MHz
1.5ns max 80+ to 106.25 MHz
10% VDD max
90% VDD min
50 pF, 0.5 to 50 MHz
30pF, 50+ to 70 MHz
15pF, 70+ to 106.25 MHz
8ps max
HCMOS
Mechanical:
Shock:
Solderability:
Terminal Strength:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2004, Conditions A & C
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition A, B or C
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014, Condition C
MIL-STD-883, Method 1014, Condition A2
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Applications & Features
ADSL, DSL
DS3, ES3, E1, STS-1, T1
Ethernet Switch, Gigabit Ethernet
Fibre Channel Controller
MPEG
Network Processors
Voice Over Packet
32 Bit Microprocessors
Tri-State output on NTH
LVCMOS / HCMOS compatible
Available up to 106.25 MHz
Output Waveform
Tr
Tf
CMOS
Logic 1
80% VDD
50% VDD
20% VDD
Logic 0
SYMMETRY


Similar Part No. - NTH28NC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTH28NC3 ETC1-NTH28NC3 Datasheet
121Kb / 3P
   Crystal Clock Oscillator
More results

Similar Description - NTH28NC3

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
   Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
logo
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO071976 IQD-LFSPXO071976 Datasheet
193Kb / 2P
   Crystal Clock Oscillator
LFSPXO076035 IQD-LFSPXO076035 Datasheet
233Kb / 2P
   Crystal Clock Oscillator
LFSPXO009586 IQD-LFSPXO009586 Datasheet
392Kb / 2P
   Crystal Clock Oscillator
LFSPXO018032 IQD-LFSPXO018032 Datasheet
745Kb / 2P
   Crystal Clock Oscillator
LFSPXO018039 IQD-LFSPXO018039 Datasheet
1,009Kb / 2P
   Crystal Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com