Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTZ20B Datasheet(PDF) 2 Page - Rohm

Part # PTZ20B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PTZ20B Datasheet(HTML) 2 Page - Rohm

  PTZ20B Datasheet HTML 1Page - Rohm PTZ20B Datasheet HTML 2Page - Rohm PTZ20B Datasheet HTML 3Page - Rohm PTZ20B Datasheet HTML 4Page - Rohm PTZ20B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTZ4.3B
Diodes
Rev.E
2/4
Electrical characteristics
(Ta=25 C)
MIN.
TYP.
MAX.
Iz(mA) Max. Iz(mA)
MAX.
VR(V)
TYP. Iz(mA)
MIN.
Test Condition
PTZ 3.6B
3.600
3.813
4.000
40
15
40
60
1.0
-2.8
40
Z 3.9B
3.900
4.136
4.400
40
15
40
40
1.0
-2.4
40
Z 4.3B
4.300
4.572
4.800
40
15
40
20
1.0
-2.1
40
Z 4.7B
4.700
4.924
5.200
40
10
40
20
1.0
-1.7
40
Z 5.1B
5.100
5.368
5.700
40
8
40
20
1.0
-0.6
40
Z 5.6B
5.600
5.856
6.300
40
8
40
20
1.5
1.4
40
Z 6.2B
6.200
6.509
7.000
40
6
40
20
3.0
2.5
40
Z 6.8B
6.800
7.280
7.700
40
6
40
20
3.5
3.2
40
Z 7.5B
7.500
7.889
8.400
40
4
40
20
4.0
4.2
40
Z 8.2B
8.200
8.655
9.300
40
4
40
20
5.0
5.0
40
Z 9.1B
9.100
9.747
10.200
40
6
40
20
6.0
5.9
40
0B
10.000
10.310
11.200
40
6
40
10
7.0
6.9
40
1B
11.000
11.510
12.300
20
8
20
10
8.0
7.9
20
2B
12.000
12.500
13.500
20
8
20
10
9.0
8.7
20
3B
13.300
13.820
15.000
20
10
20
10
10.0
10.1
20
5B
14.700
15.350
16.500
20
10
20
10
11.0
11.8
20
6B
16.200
16.860
18.300
20
12
20
10
12.0
13.3
20
8B
18.000
19.000
20.300
20
12
20
10
13.0
15.0
20
0B
20.000
20.820
22.400
20
14
20
10
15.0
17.4
20
2B
22.000
23.850
24.500
10
10
10
17.0
19.4
10
4B
24.000
25.310
27.600
10
10
10
19.0
21.6
10
7B
27.000
28.700
30.800
10
10
10
21.0
24.6
10
0B
30.000
31.570
34.000
10
10
10
23.0
27.5
10
3B
33.000
34.950
37.000
10
10
10
25.0
30.8
10
6B
36.000
39.240
40.000
10
10
10
27.0
37.0
10
)The zener voltage(Vz) is measured 40ms after power is supplied.
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
ESD breakdown voltage
ESD(kV)
30kV
C=150pF
R=330
forward
and
reverse:
10 times
Temperature
coeficiency
* z(mV/ )
TYP.
Symbol
Zener voltage Vz(V)
Operating
resistance
Zz( )
Reverse current
IR(μA)
PT
PT
PT
PT
PT
PT
PT
PT
PT
PT
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 2
PTZ 2
PTZ 2
PTZ 2
PTZ 3
PTZ 3
PTZ 3
(
(
Marking
(TYPE NO.)
TYPE
TYPE NO.
TYPE
TYPE NO.
TYPE
PTZ 3.6B
3.6B
PTZ 8.2B
8.2B
PTZ 20B
20B
PTZ 3.9B
3.9B
PTZ 9.1B
9.1B
PTZ 22B
22B
PTZ 4.3B
4.3B
PTZ 10B
10B
PTZ 24B
24B
PTZ 4.7B
4.7B
PTZ 11B
11B
PTZ 27B
27B
PTZ 5.1B
5.1B
PTZ 12B
12B
PTZ 30B
30B
PTZ 5.6B
5.6B
PTZ 13B
13B
PTZ 33B
33B
PTZ 6.2B
6.2B
PTZ 15B
15B
PTZ 36B
36B
PTZ 6.8B
6.8B
PTZ 16B
PTZ 7.5B
7.5B
PTZ 18B
18B
16B


Similar Part No. - PTZ20B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ20B ROHM-PTZ20B Datasheet
2Mb / 10P
   Zener Diode
PTZ20B ROHM-PTZ20B Datasheet
154Kb / 5P
   Zener diode
PTZ20B ROHM-PTZ20B Datasheet
227Kb / 5P
   Zener diode
PTZ20B ROHM-PTZ20B Datasheet
176Kb / 5P
   Zener diode
PTZ20B ROHM-PTZ20B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - PTZ20B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com