Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ36B Datasheet(PDF) 1 Page - Rohm

Part # MTZJ36B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MTZJ36B Datasheet(HTML) 1 Page - Rohm

  MTZJ36B Datasheet HTML 1Page - Rohm MTZJ36B Datasheet HTML 2Page - Rohm MTZJ36B Datasheet HTML 3Page - Rohm MTZJ36B Datasheet HTML 4Page - Rohm MTZJ36B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MTZJ24B
Diodes
Rev.D
1/4
Zener diode
MTZJ24B
Applications
Dimensions (Unit : mm)
Constant voltage control
Features
1) Glass sealed envelope. (MSD)
2) High reliability.
Construction
Silicon planer
Taping specification (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
PmW
Tj
Tstg
Junction temperature
Storage temperature
Power dissipation
Limits
175
-65 to +175
500
Parameter
T-72 29±1
T-72 29±1
2.7±0.3
φ0.4±0.1
φ1.8±0.2
JEDEC : DO-34
ROHM : MSD
EX. MTZJ3.6B
CATHODE BAND (BLACK)
TYPE NO. (BLACK)
T-72
52.4±1.5
0
T-72
5.0±0.5
T-77
5.0±0.3
T-72
T-77
T-72
T-77
T-72
1/2A±1.2
T-77
1/2A±0.4
T-72
0.7 max.
T-77
0.2 max.
T-72
T-77
T-72
T-77
T-72
1.5 max.
cf : cumulative pitch tolerance with 20 pitch than ±1.5mm
T-77
0.4 max.
*H1(6mm):BROWN
Symbol
Standard dimension
value(mm)
T-77
26.0
+0.4
B
C1.0 max.
D0
H2
5.0±0.5
|L1-L2|
E
H1
6.0±0.5
A
H2
H2
E
B
C
L2
L1
F
D
H1
BLUE
BROWN


Similar Part No. - MTZJ36B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MTZJ36B LRC-MTZJ36B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ36B ROHM-MTZJ36B Datasheet
124Kb / 5P
   Zener diode
MTZJ36B ROHM-MTZJ36B Datasheet
176Kb / 5P
   Zener diode
MTZJ36B ROHM-MTZJ36B Datasheet
120Kb / 5P
   Zener diode
MTZJ36B ROHM-MTZJ36B Datasheet
177Kb / 5P
   Zener diode
More results

Similar Description - MTZJ36B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com