Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608D0D-XIB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F5608D0D-XIB0
Description  32M x 8 Bit NAND Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608D0D-XIB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F5608D0D-XIB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 9Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 10Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 11Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 12Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 13Page - Samsung semiconductor K9F5608D0D-XIB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
FLASH MEMORY
10
K9F5608D0D
K9F5608R0D
K9F5608U0D
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F5608X0D-XCB0
:TA=0 to 70°C, K9F5608X0D-XIB0:TA=-40 to 85°C)
Parameter
Symbol
K9F5608R0D(1.8V)
K9F5608D0D(2.65V)
K9F5608U0D(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.65
1.8
1.95
2.4
2.65
2.9
2.7
3.3
3.6
V
Supply Voltage
VCCQ
1.65
1.8
1.95
2.4
2.65
2.9
2.7
3.3
3.6
V
Supply Voltage
VSS
00
0
0
0
0
00
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 4.6
V
VCC
-0.6 to + 4.6
VCCQ
-0.6 to + 4.6
Temperature Under Bias
K9F5608X0D-XCB0
TBIAS
-10 to +125
°C
K9F5608X0D-XIB0
-40 to +125
Storage Temperature
K9F5608X0D-XCB0
TSTG
-65 to +150
°C
K9F5608X0D-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9F5608D0D-XIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608D0C SAMSUNG-K9F5608D0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608D0C SAMSUNG-K9F5608D0C Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-D SAMSUNG-K9F5608D0C-D Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608D0C-D SAMSUNG-K9F5608D0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-H SAMSUNG-K9F5608D0C-H Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608D0D-XIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com