Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ15RF2 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ15RF2
Description  Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ15RF2 Datasheet HTML 1Page - Sharp Corporation PQ15RF2 Datasheet HTML 2Page - Sharp Corporation PQ15RF2 Datasheet HTML 3Page - Sharp Corporation PQ15RF2 Datasheet HTML 4Page - Sharp Corporation PQ15RF2 Datasheet HTML 5Page - Sharp Corporation PQ15RF2 Datasheet HTML 6Page - Sharp Corporation PQ15RF2 Datasheet HTML 7Page - Sharp Corporation PQ15RF2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
245
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig.13 Output Voltage vs. Input Voltage
(PQ05RF2/PQ05RF21/PQ05RF2V)
Fig.15 Output Voltage vs. Input Voltage
(PQ12RF2/PQ12RF21/PQ12RF2V)
Fig.17 Circuit Operating Current vs. Input Voltage
(PQ05RF2/PQ05RF21/PQ05RF2V)
Fig.16 Output Voltage vs. Input Voltage
(PQ15RF2/PQ15RF21/PQ15RF2V)
Fig.18 Circuit Operating Current vs. Input Voltage
(PQ09RF2/PQ09RF21/PQ09RF2V)
Fig.14 Output Voltage vs. Input Voltage
(PQ09RF2/PQ09RF21/PQ09RF2V)
0
02
6
48
10
8
7
6
5
4
3
2
1
Input voltage VIN (V)
RL=
RL=5
RL=2.5
0
0
5
10
15
5
10
Input voltage VIN (V)
RL=
RL=9
RL=4.5
0
0
5
10
15
20
25
5
10
15
20
RL=
RL=12
RL=6
Input voltage VIN (V)
0
0
5
10
15
20
25
5
10
15
20
Input voltage VIN (V)
RL=
RL=15
RL=7.5
0
010
15
5
20
40
60
RL=
RL=
RL=9
RL=9
RL=4.5
RL=4.5
80
Input voltage VIN (V)
0
05
10
20
40
60
RL=
RL=5
RL=2.5
80
Input voltage VIN (V)


Similar Part No. - PQ15RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RF2 SHARP-PQ15RF2 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ15RF21 SHARP-PQ15RF21 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ15RF2V SHARP-PQ15RF2V Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
More results

Similar Description - PQ15RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com