Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608R0D-PCB0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9F5608R0D-PCB0
Description  32M x 8 Bit NAND Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608R0D-PCB0 Datasheet(HTML) 3 Page - Samsung semiconductor

  K9F5608R0D-PCB0 Datasheet HTML 1Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 2Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 3Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 4Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 5Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608R0D-PCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
FLASH MEMORY
3
K9F5608D0D
K9F5608R0D
K9F5608U0D
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- 1.8V device(K9F5608R0D) : 1.65~1.95V
- 2.65V device(K9F5608D0D) : 2.4~2.9V
- 3.3V device(K9F5608U0D) : 2.7 ~ 3.6 V
• Organization
- Memory Cell Array
-(32M + 1024K)bit x 8 bit
- Data Register
- (512 + 16)bit x 8bit
• Automatic Program and Erase
- Page Program
-(512 + 16)Byte
- Block Erase :
- (16K + 512)Byte
• Page Read Operation
- Page Size
- (512 + 16)Byte
- Random Access
: 15
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
32M x 8 Bit NAND Flash Memory
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance
: 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back
• Unique ID for Copyright Protection
• Package
- K9F5608D(U)0D-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)- Pb-free Package
- K9F5608X0D-JCB0/JIB0
63- Ball FBGA ( 9 x 11 /0.8mm pitch , Width 1.0 mm)
- Pb-free Package
- K9F5608U0D-FCB0/FIB0
48 - Pin WSOP I (12X17X0.7mm)- Pb-free Package
* K9F5608U0D-F(WSOPI ) is the same device as
K9F5608U0D-P(TSOP1) except package type.
Offered in 32Mx8bit , the K9F5608X0D is 256M bit with spare 8M bit capacity. The device is offered in 1.8V, 2.65V, 3.3V Vcc. Its
NAND cell provides the most cost-effective solutIon for the solid state mass storage market. A program operation can be performed
in typical 200
µs on a 528-byte page and an erase operation can be performed in typical 2ms on a 16K-byte block. Data in the page
can be read out at 50ns cycle time per byte. The I/O pins serve as the ports for address and data input/output as well as command
input. The on-chip write control automates all program and erase functions including pulse repetition, where required, and internal
verification and margining of data. Even the write-intensive systems can take advantage of the K9F5608X0D
′s extended reliability of
100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm.
The K9F5608X0D is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable
applications requiring non-volatility.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9F5608R0D-J
1.65 ~ 1.95V
X8
FBGA
K9F5608D0D-P
2.4 ~ 2.9V
TSOP1
K9F5608D0D-J
FBGA
K9F5608U0D-P
2.7 ~ 3.6V
TSOP1
K9F5608U0D-J
FBGA
K9F5608U0D-F
WSOP1


Similar Part No. - K9F5608R0D-PCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608D0C SAMSUNG-K9F5608D0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608D0C SAMSUNG-K9F5608D0C Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-D SAMSUNG-K9F5608D0C-D Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608D0C-D SAMSUNG-K9F5608D0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-H SAMSUNG-K9F5608D0C-H Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608R0D-PCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com