Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ7.5B Datasheet(PDF) 1 Page - Rohm

Part # MTZJ7.5B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MTZJ7.5B Datasheet(HTML) 1 Page - Rohm

  MTZJ7.5B Datasheet HTML 1Page - Rohm MTZJ7.5B Datasheet HTML 2Page - Rohm MTZJ7.5B Datasheet HTML 3Page - Rohm MTZJ7.5B Datasheet HTML 4Page - Rohm MTZJ7.5B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MTZJ6.2B
Diodes
Rev.A
1/4
Zener diode
MTZJ6.2B
Applications
External dimensions (Unit : mm)
Constant voltage control
JEDEC : DO-34
ROHM : MSD
EX. MTZJ3.6B
29±1
29±1
2.7±0.3
φ0.4±0.1
φ1.8±0.2
CATHODE BAND (BLACK)
TYPE NO. (BLACK)
Features
1) Glass sealed envelope. (MSD)
2) High reliability.
Construction
Silicon planer
Taping specification (Unit : mm)
T-31 52.4±1.5
T-32 26.0+0.4
'-0
5.0±0.5
C0.5MAX
D0
E50.4±0.4
F0.3MAX
G1
0.1MIN
G2
0MIN
H1
6.0±0.5
H2
5.0±0.5
I0.5MAX
L1-L2
0.6MAX
t3.2MIN
*H2(6mm):BROWN
注) 累積ピッチの許容差は20ピッチで±1.5mm以下とする
記号
寸法規格値
(mm)
A
H2
H2
E
I
B
C
L2
L1
F
D
H1
t
H1
G2
G1
IVORY
BLUE
Mark
Standard dimension
value (mm)
cf : cumulativ e pitch tolerance with 20 pitch than ±1.5mm
Absolute maximum ratings (Ta=25
°C)
P
J
St
Symbol
Unit
Pm
Tj
Tstg
W
unction temperature
orage temperature
ower dissipation
Limits
175
-65 to +175
500
Parameter


Similar Part No. - MTZJ7.5B

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ7.5B ROHM-MTZJ7.5B Datasheet
123Kb / 5P
   Zener diode
logo
Leshan Radio Company
MTZJ7.5B LRC-MTZJ7.5B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ7.5B ROHM-MTZJ7.5B Datasheet
176Kb / 5P
   Zener diode
MTZJ7.5B ROHM-MTZJ7.5B Datasheet
120Kb / 5P
   Zener diode
MTZJ7.5B ROHM-MTZJ7.5B Datasheet
177Kb / 5P
   Zener diode
More results

Similar Description - MTZJ7.5B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com