Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNR35 Datasheet(PDF) 2 Page - Rohm

Part # MNR35
Description  Chip resistor networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR35 Datasheet(HTML) 2 Page - Rohm

  MNR35 Datasheet HTML 1Page - Rohm MNR35 Datasheet HTML 2Page - Rohm MNR35 Datasheet HTML 3Page - Rohm MNR35 Datasheet HTML 4Page - Rohm MNR35 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MNR35
Resistors
Rev.B
2/4
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
Resistor type
Guaranteed value
± (2.0%+0.1Ω)
± (1.0%+0.1Ω)
± (3.0%+0.1Ω)
J :
±5%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.1Ω)
± (1.0%+0.1Ω)
± (1.0%+0.05Ω)
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
125
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Maximum Overload Voltage : 100V
External dimensions (Unit : mm)
Material
Thick dielectric glaze of oxide metal
(only silver used for jumper)
Thick film of silver for electrode
Nickel-coated electrode
External electrode coated with Sn
Alumina substrate
Overcoating
Cross section B-B'
Cross section A-A'
6.4
±0.4
1.27
0.55
±0.1
0.5
±0.2
0.8
±0.2
1.0
±0.2
B
B'
A'
A
R103
∗ Pitch of the upper electrode.
1
1
1
1
1
1
2
2
2
3
3
4
4
5
5
5
6
6
6


Similar Part No. - MNR35

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR35 ROHM-MNR35 Datasheet
87Kb / 4P
   Compact 8-element Chip Resistor Networks
MNR35 ROHM-MNR35 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MNR35 ROHM-MNR35 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR35J5RF105 ROHM-MNR35J5RF105 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR35J5RJ ROHM-MNR35J5RJ Datasheet
87Kb / 4P
   Compact 8-element Chip Resistor Networks
More results

Similar Description - MNR35

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com