Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH554FN107ZP Datasheet(PDF) 5 Page - Rohm

Part # MCH554FN107ZP
Description  Multi-layer ceramic chip capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH554FN107ZP Datasheet(HTML) 5 Page - Rohm

  MCH554FN107ZP Datasheet HTML 1Page - Rohm MCH554FN107ZP Datasheet HTML 2Page - Rohm MCH554FN107ZP Datasheet HTML 3Page - Rohm MCH554FN107ZP Datasheet HTML 4Page - Rohm MCH554FN107ZP Datasheet HTML 5Page - Rohm MCH554FN107ZP Datasheet HTML 6Page - Rohm MCH554FN107ZP Datasheet HTML 7Page - Rohm MCH554FN107ZP Datasheet HTML 8Page - Rohm MCH554FN107ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCH55
Ceramic capacitors
5/9
Items
Performance
Humidity
(Steady)
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.22 of
JIS C 5101-1
As per JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Test time
: 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements have been left at
room temperature as per Table3.
As per 4.22 of JIS C 5101-1
As per 4.14 of JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Voltage
: Rated voltage
Test time : 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature as per Table3.
No.
13
Humidity
life test
14
Dielectric
loss
tangent
F N
F N
Within
+/−12.5%
Within
+/−30%
Appearance
Dielectric
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
C N
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Less than 200% of
initial spec.
Less than 150% of
initial spec.
F N
F N
Appearance
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
Not less than 1000M
Ω or
10M
Ω µF, whichever is less.
Not less than 500M
Ω or
5M
Ω µF, whichever is less.
Table3
48
+/−4 h
Charac-
teristic
Time
CN, FN
Table3
48
+/−4 h
Charac-
teristic
Time
CN, FN
Within
+/−12.5%
Within
+/−30%
C N


Similar Part No. - MCH554FN107ZP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5541 SANYO-MCH5541 Datasheet
68Kb / 5P
   MCH5541
logo
ON Semiconductor
MCH5541 ONSEMI-MCH5541 Datasheet
84Kb / 6P
   PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
August 2014 - Rev. 0
MCH5541-TL-E ONSEMI-MCH5541-TL-E Datasheet
84Kb / 6P
   PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
August 2014 - Rev. 0
More results

Similar Description - MCH554FN107ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com