Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNA028CN105MK Datasheet(PDF) 1 Page - Rohm

Part # MNA028CN105MK
Description  (1005 (0402) x 2 size, chip capacitor networks)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNA028CN105MK Datasheet(HTML) 1 Page - Rohm

  MNA028CN105MK Datasheet HTML 1Page - Rohm MNA028CN105MK Datasheet HTML 2Page - Rohm MNA028CN105MK Datasheet HTML 3Page - Rohm MNA028CN105MK Datasheet HTML 4Page - Rohm MNA028CN105MK Datasheet HTML 5Page - Rohm MNA028CN105MK Datasheet HTML 6Page - Rohm MNA028CN105MK Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MNA02
Ceramic capacitors
1/6
(1005 (0402)
×2 size, chip capacitor networks)
MNA02
Features
Two multi-layer ceramic capacitors are integrated on a single chip providing reduced cost and mounting space.
Quick Reference
The design and specifications are subject to change without prior notice. Please check the most recent technical
specifications prior to placing orders or using the product. For more detail information regarding packaging style code,
please check product designation.
High dielectric constant
MNA02
1005x2
(0402x2)
CN
±15%
(X5R)
6.3
1,000,000
M(
±20%)
0.8
+0.05
−0.10
Part No.
Size code
Temperature characteristics
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance(pF)
Capacitance
tolerance
Thickness
(mm)
code
−25 to +85
External dimensions (Unit : mm)
2
1
CC
=C
C
2
1
1.37
±0.15
0.36
±0.1
0.64
±0.1
Product designation
Temperature characteristic code
:Refer to quick reference table.
MN A
0
8
Code
28
C
6.3V
Voltage
Reel(
φ180mm) : compatible with EIAJ ET-7200A
Paper tape(width 8 mm, pitch 4 mm)
K
0.8mm
Code Product thickness
Packaging specifications
4,000
Basic ordering unit(pcs.)
φ180mm(7in.)
Reel
N
105
M
K
3-digit designation
according to IEC
Nominal
capacitance
±20%
tolerance
Capacitance tolerance
M
Code
Rated voltage
Part No.
Packaging style


Similar Part No. - MNA028CN105MK

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-2 MINI-MNA-2 Datasheet
212Kb / 8P
   Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
MNA-2A MINI-MNA-2A Datasheet
276Kb / 5P
   Monolithic Amplifier
MNA-2A-D MINI-MNA-2A-D Datasheet
262Kb / 7P
   Monolithic Amplifier Die
MNA-2A-D++ MINI-MNA-2A-D+ Datasheet
262Kb / 7P
   Monolithic Amplifier Die
MNA-2A-DF++ MINI-MNA-2A-DF+ Datasheet
262Kb / 7P
   Monolithic Amplifier Die
More results

Similar Description - MNA028CN105MK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10051G9D0T WALSIN-RFBLN10051G9D0T Datasheet
408Kb / 3P
   LTCC Multi Layer Chip Balun- 1005 (0402) size
logo
Panasonic Semiconductor
EZANPE101M PANASONIC-EZANPE101M Datasheet
193Kb / 5P
   Chip Capacitor Networks
logo
KOA Speer Electronics, ...
CR2A10YTE KOA-CR2A10YTE Datasheet
90Kb / 8P
   Capacitor/Resistor Chip Networks
logo
Bourns Electronic Solut...
4610M-901-103LF BOURNS-4610M-901-103LF Datasheet
335Kb / 1P
   Capacitor Networks
logo
MERITEK ELECTRONICS COR...
CN10AX103KL MERITEK-CN10AX103KL Datasheet
210Kb / 1P
   Capacitor Networks
logo
Rohm
MNA14 ROHM-MNA14 Datasheet
118Kb / 9P
   Multi-layer ceramic chip capacitor networks
logo
Vishay Siliconix
VESD05C-FC1 VISHAY-VESD05C-FC1 Datasheet
137Kb / 5P
   Flip Chip Protection Diode - Chip Size 0402
Rev. 1.1, 14-Jul-04
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
   RESISTOR-CAPACITOR NETWORKS
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com