Electronic Components Datasheet Search |
|
MCH554FN107MP Datasheet(PDF) 4 Page - Rohm |
|
MCH554FN107MP Datasheet(HTML) 4 Page - Rohm |
4 / 10 page MCH55 Ceramic capacitors 4/9 Items Performance Vibration Test Method (As per JIS C 5101-1, JIS C 5101-10) As per 4.17 of JIS C 5101-1. The specimens shall be soldered on the specified test jig. Initial measurements shall be made after the thermal pre-conditioning specified in Remarks(1). Final measurements shall be made after the specimens have been left at room temperature as per Table3. [Condition] Directions : 2h each X, Y and Z directions Total : 6h Frequency range : 10 to 55 to 10Hz(1min) Applitude : 1.5mm (shall not exceed acceleration196m/s2) As per 4.16 of JIS C 5101-1 As per 4.12 of JIS C 5101-10 The specimens shall be soldered on the test jig shown in Remarks. Temperature cycle : 100cycles Initial measurements prior to test shall be performed after the thermal per-conditioning specified in Remarks (1). Final measurements shall be made after the specimens have been left at room temperature as per Table3. No. 11 Temperature cycling 12 Dielectric loss tangent C N C N F N F N Within +/−7.5% Within +/−7.5% Within +/−20% Within +/−20% Appearance Dielectric loss tangent Within specified initial value. Change rate from initial value Change rate from initial value Without mechanical damage. Without mechanical damage. Appearance Within specified initial value. Insulation resistance Within specified initial value. Withstanding voltage No defects shall be allowed. Table3 48 +/−4 h Charac- teristic Time CN, FN Table3 48 +/−4 h Charac- teristic Time CN, FN 30 +/−3 30 +/−3 Test condition Step 1 2 3 4 Temp. ( °C) Time (min) Min operating temp. Room temp. Room temp. Max operating temp. 3 <− 3 <− As per 4.35 of JIS C 5101-1. As per 4.9 of JIS C 5101-10 Glass epoxy board with soldered specimens shall be bent till 1mm by 1.0mm/s. Bending strength 10 Appearance Without mechanical damage. |
Similar Part No. - MCH554FN107MP |
|
Similar Description - MCH554FN107MP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |