Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB6326C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TSB6326C
Description  IF Filter for Video and Sound
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TSB6326C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TSB6326C Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
: IF Filter for Video and Sound
TSB6326C
IF
: 38.9 MHz
SYSTEM
: BG,I,DK
VIDEO-CH
SOUND-CH
ELECTRIC CHARACTERISTICS (Ta = 25 C)
∙ Drive Impedance : 50
∙ Load Impedance : 1.2 k
5 pF
Package ( C type )
ΩΩ
Freq.
SPECIFICATIONS
CHARACTERISTICS
(MHz)
Video-CH
Sound-CH
Unit
41.4
< -36
< -36
40.4
< -36
< -36
38.9
-6.0 +/- 1.2
< -31
1
Amplitude
37.4
0 (Ref.)
------
34.47
-2.3 +/- 1.2
< -24
Response
33.4
< -29
-2.3 +/- 1.5
32.9
< -34
-1.0 +/- 1.2
32.4
< -29
0 (Ref.)
(dB)
31.9
< -40
-0.3 +/- 1.5
30.9
< -40
< -34
25.0
< -32
------
31.9
40.4
<-31
------
2
Spurious
45.0
Pin Connection
25.0
Response
------
< -30
30.9
38.9
------
< -31
45.0
3
Insertion Loss
37.4
-18.5 +/- 2.0
------
(dB)
32.4
------
-19.2 +/- 2.0
4
Temperature Coefficient
-72
ppm/ C
Input Capacitance
1.0
18.8
(pF)
Input Resistance
37.4
1.4
------
(K )
Equivalent Circuit
5
32.4
------
1.1
Output Capacitance
1.0
5.1
------
(pF)
1.0
------
5.3
Output Resistance
37.4
1.6
------
(K )
32.4
------
1.4
Amplitu de and Group Delay Respon se
-9 0
-9 0
-9 0
-9 0
-8 0
-8 0
-8 0
-8 0
-7 0
-7 0
-7 0
-7 0
-6 0
-6 0
-6 0
-6 0
-5 0
-5 0
-5 0
-5 0
-4 0
-4 0
-4 0
-4 0
-3 0
-3 0
-3 0
-3 0
-2 0
-2 0
-2 0
-2 0
-1 0
-1 0
-1 0
-1 0
0000
10
10
10
10
30
30
30
30
31
31
31
31
32
32
32
32
33
33
33
33
34
34
34
34
35
35
35
35
3 6
36
36
36
3 7
37
37
37
38
38
38
38
39
39
39
39
40
40
40
40
4 1
41
41
41
4 2
42
42
42
43
43
43
43
FREQUENC Y (M Hz)
-50 0
-50 0
-50 0
-50 0
-40 0
-40 0
-40 0
-40 0
-30 0
-30 0
-30 0
-30 0
-20 0
-20 0
-20 0
-20 0
-10 0
-10 0
-10 0
-10 0
0000
100
100
100
100
200
200
200
200
300
300
300
300
400
400
400
400
500
500
500
500
A m plitu de
Gro u p D e lay
Amplitu de Respon se
-9 0
-9 0
-9 0
-9 0
-8 0
-8 0
-8 0
-8 0
-7 0
-7 0
-7 0
-7 0
-6 0
-6 0
-6 0
-6 0
-5 0
-5 0
-5 0
-5 0
-4 0
-4 0
-4 0
-4 0
-3 0
-3 0
-3 0
-3 0
-2 0
-2 0
-2 0
-2 0
-1 0
-1 0
-1 0
-1 0
0000
10
10
10
10
30
30
30
30
3 1
31
31
31
3 2
32
32
32
33
33
33
33
34
34
34
34
35
35
35
35
3 6
36
36
36
3 7
37
37
37
38
38
38
38
39
39
39
39
40
40
40
40
4 1
41
41
41
4 2
42
42
42
43
43
43
43
FR EQUENC Y (M Hz)


Similar Part No. - TSB6326C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSB632 LITTELFUSE-TSB632 Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
More results

Similar Description - TSB6326C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
   VIDEO AND SOUND IF FOR TV SET
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
   VIDEO & SOUND IF SYSTEM
logo
TEMIC Semiconductors
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com