Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-S128K32C-020P7Q Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-020P7Q
Description  High Speed 4 Megabit SRAM Multichip Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-020P7Q Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-S128K32C-020P7Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-020P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
3
Standby Current
ISB
CE = VIH, OE = VIH,
f = 5 MHz, VCC = Max,
CMOS Compatible
80
60
60
mA
Output Low Voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA, VCC = Min
2.4
2.4
2.4
V
AC Characteristics
(VCC = 5.0V, VSS = 0V, TC = -55°C to +125°C)
Read Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Read Cycle Time
tRC
17
20
25
35
45
55
ns
Address Access Time
tAA
17
20
25
35
45
55
ns
Chip Enable Access Time
tACE
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
00
00
00
ns
Output Enable to Output Valid
tOE
9
1215
2025
30
ns
Chip Enable to Output in Low Z*
tCLZ
33
33
33
ns
Output Enable to Output in Low Z*
tOLZ
00
00
00
ns
Chip Deselect to Output in High Z*
tCHZ
12
12
12
15
20
20
ns
Output Disable to Output in High Z*
tOHZ
10
11
12
15
20
20
ns
* Parameters guaranteed by design but not tested
Write Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Write Cycle Time
tWC
17
20
25
35
45
55
ns
Chip Enable to End of Write
tCW
12
15
20
25
30
40
ns
Address Valid to End of Write
tAW
12
15
20
25
30
40
ns
Data Valid to End of Write
tDW
10
12
15
18
20
20
ns
Write Pulse Width
tWP
13
15
20
25
30
40
ns
Address Setup Time
tAS
00
00
00
ns
Output Active from End of Write *
tOW
33
34
44
ns
Write to Output in High Z *
tWHZ
10
10
10
15
15
15
ns
Data Hold from Write Time
tDH
00
00
00
ns
Address Hold Time
tAH
00
00
00
ns
* Parameters guaranteed by design but not tested
Data Retention Electrical Characteristics (Special Order Only)
(TC = -55°C to +125°C)
Parameter
Sym
Test Conditions
All Speeds
Min
Max
Units
VCC for Data Retention
VDR
CE
≥ V
CC – 0.2V
25.5
V
Data Retention Current
ICCDR1
VCC = 3V, 17-55ns
11.6
mA
DC Characteristics (Continued)
(4.5Vdc< VCC < 5.5Vdc, VSS = 0V, TC = -55°C to +125°C, Unless otherwise specified)
Parameter
Sym
Conditions
–017 & –020
Min
Max
–025 & –035
Min
Max
–045 & –055
Min
Max
Units


Similar Part No. - ACT-S128K32C-020P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017F2Q AEROFLEX-ACT-S128K32V-017F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017P7Q AEROFLEX-ACT-S128K32V-017P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020F2Q AEROFLEX-ACT-S128K32V-020F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020P7Q AEROFLEX-ACT-S128K32V-020P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32C-020P7Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
logo
List of Unclassifed Man...
EDI8M1665C ETC1-EDI8M1665C Datasheet
282Kb / 6P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8F4258C ETC1-EDI8F4258C Datasheet
284Kb / 7P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M4257C ETC1-EDI8M4257C Datasheet
234Kb / 5P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M1664C ETC1-EDI8M1664C Datasheet
452Kb / 8P
   HIGH SPEED MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com