Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL7090WHT-L100-0001 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL7090WHT-L100-0001
Description  Cree XLamp 7090 Packaged LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XL7090WHT-L100-0001 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL7090WHT-L100-0001 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
All
measurements
are ± .1mm
unless
otherwise
indicated
Page 6 of 19
Specifications subject to change without notice.
CLDS-XL7090 - 1104
www.cree.com/xlamp
Mechanical Dimensions
Recommended
Solder Pad
Note: Heat path is
electrically neutral.


Similar Part No. - XL7090WHT-L100-0001

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
XL7005E1 XLSEMI-XL7005E1 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7015 ETC2-XL7015 Datasheet
528Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7090WHT-L100-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com